Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T128000HP-3.7-A Datasheet(PDF) 3 Page - Qimonda AG

Part # HYS72T128000HP-3.7-A
Description  240-Pin Registered DDR2 SDRAM Modules
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T128000HP-3.7-A Datasheet(HTML) 3 Page - Qimonda AG

  HYS72T128000HP-3.7-A Datasheet HTML 1Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 2Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 3Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 4Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 5Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 6Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 7Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 8Page - Qimonda AG HYS72T128000HP-3.7-A Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Internet Data Sheet
Rev. 1.02, 2007-07
3
03292006-08VU-L8WK
HYS72T[64/128/256]xx0HP–[3S/3.7]–A
Registered DDR2 SDRAM Modules
1Overview
This chapter gives an overview of the 1.8 V 240-Pin Registered DDR2 SDRAM Modules with parity bit product family and
describes its main characteristics.
1.1
Features
• 240-Pin PC2–5300 and PC2–4200 DDR2 SDRAM
memory modules.
• One rank 64M
×72, 128M ×72, and two ranks 128M ×72,
256M
×72, and four rank 256M ×72 module organization
and 64M
×8, 128M ×4 chip organization
• Registered DIMM Parity bit for address and control bus
• 512 MB, 1 GB, and 2 GB module built with 512 Mbit DDR2
SDRAMs in P-TFBGA-60 chipsize packages.
• Standard Double-Data-Rate-Two Synchronous DRAMs
(DDR2 SDRAM) with a single + 1.8 V (± 0.1 V) power
supply
• All speed grades faster than DDR2–400 comply with
DDR2–400 timing specifications.
• Programmable CAS Latencies (3, 4, 5, 6), Burst Length (4
& 8)
• Auto Refresh (CBR) and Self Refresh
• Programmable self refresh rate via EMRS2 setting
• Programmable partial array refresh via EMRS2 settings
• DCC enabling via EMRS2 setting
• All inputs and outputs SSTL_18 compatible
• Off-Chip Driver Impedance Adjustment (OCD) and On-Die
Termination (ODT)
• Serial Presence Detect with E2PROM
• RDIMM Dimensions (nominal): 30 mm high, 133.35 mm
wide
• Based on standard reference card layouts Raw Card “G”,
“H“, “J“, ”N” and “F“
• RoHS compliant products1)
TABLE 1
Performance Table
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Product Type Speed Code
–3S
–3.7
Unit
DRAM Speed Grade
DDR2–667D
DDR2–533C
Module Speed Grade
PC2–5300
PC2–4200
CAS-RCD-RP latencies
5-5-5
4-4-4
t
CK
Max. Clock Frequency
@CL5
f
CK5
333
266
MHz
@CL4
f
CK4
266
266
MHz
@CL3
f
CK3
200
200
MHz
Min. RAS-CAS-Delay
t
RCD
15
15
ns
Min. Row Precharge Time
t
RP
15
15
ns
Min. Row Active Time
t
RAS
45
45
ns
Min. Row Cycle Time
t
RC
60
60
ns


Similar Part No. - HYS72T128000HP-3.7-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T128000HP-3.7-B QIMONDA-HYS72T128000HP-3.7-B Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T128000HP-3.7-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com