Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T256040HP-3S-A Datasheet(PDF) 11 Page - Qimonda AG

Part # HYS72T256040HP-3S-A
Description  240-Pin Registered DDR2 SDRAM Modules
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T256040HP-3S-A Datasheet(HTML) 11 Page - Qimonda AG

Back Button HYS72T256040HP-3S-A Datasheet HTML 7Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 8Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 9Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 10Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 11Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 12Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 13Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 14Page - Qimonda AG HYS72T256040HP-3S-A Datasheet HTML 15Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Internet Data Sheet
Rev. 1.02, 2007-07
11
03292006-08VU-L8WK
HYS72T[64/128/256]xx0HP–[3S/3.7]–A
Registered DDR2 SDRAM Modules
233
DQS16
I/O
SSTL
Data Strobes 17:0
164
DQS17
I/O
SSTL
165
DQS17
I/O
SSTL
Data Mask
125
DM0
I
SSTL
Data Masks 8:0
The data write masks, associated with one data byte. In Write mode,
DM operates as a byte mask by allowing input data to be written if it is
LOW but blocks the write operation if it is HIGH. In Read mode, DM
lines have no effect.
Note:
×8 based module
134
DM1
I
SSTL
146
DM2
I
SSTL
155
DM3
I
SSTL
202
DM4
I
SSTL
211
DM5
I
SSTL
223
DM6
I
SSTL
232
DM7
I
SSTL
164
DM8
I
SSTL
EEPROM
120
SCL
I
CMOS
Serial Bus Clock
This signal is used to clock data into and out of the SPD EEPROM.
119
SDA
I/O
OD
Serial Bus Data
This is a bidirectional pin used to transfer data into or out of the SPD
EEPROM. A resistor must be connected from SDA to
V
DDSPD on the
motherboard to act as a pull-up.
239
SA0
I
CMOS
Serial Address Select Bus 2:0
These signals are tied at the system planar to either
V
SS or VDDSPD to
configure the serial SPD EEPROM address range
240
SA1
I
CMOS
101
SA2
I
CMOS
Parity
55
ERR_OUT
OCMOS
Parity bits
Note: Only for modules with parity bit for address and control bus. Not
connected on non-parity registered modules.
68
PAR_IN
I
CMOS
Power Supplies
1
V
REF
AI
I/O Reference Voltage
Reference voltage for the SSTL-18 inputs.
238
V
DDSPD
PWR
EEPROM Power Supply
Serial EEPROM positive power supply, wired to a separated power pin
at the connector which supports from 1.7 Volt to 3.6 Volt.
51, 56, 62, 72, 75,
78, 170, 175, 181,
191, 194
V
DDQ
PWR
I/O Driver Power Supply
Power and ground for the DDR SDRAM
53, 59, 64, 67, 69,
172, 178, 184, 187,
189, 197
V
DD
PWR
Power Supply
Power and ground for the DDR SDRAM
Pin No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS72T256040HP-3S-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T256040HR QIMONDA-HYS72T256040HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256040HR-3.7-A QIMONDA-HYS72T256040HR-3.7-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256040HR-3S-A QIMONDA-HYS72T256040HR-3S-A Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T256040HP-3S-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com