Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94SVP827X06R3F12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 94SVP827X06R3F12
Description  Vertical Surface Mounting Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SVP827X06R3F12 Datasheet(HTML) 1 Page - Vishay Siliconix

  94SVP827X06R3F12 Datasheet HTML 1Page - Vishay Siliconix 94SVP827X06R3F12 Datasheet HTML 2Page - Vishay Siliconix 94SVP827X06R3F12 Datasheet HTML 3Page - Vishay Siliconix 94SVP827X06R3F12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 90021
308
Revision: 26-Jun-06
94SVP
Vishay OS-CON
Vertical Surface Mounting Capacitors
RoHS
COMPLIANT
FEATURES
• New Vishay OS-CON series as results of
polymerized
organic
semiconductor
as
electrolyte
• Features superior heat-proof characteristics
compared with previously developed Vishay
OS-CON series
• Particularly effective when used as surface mounting
devices of the switching power supply
• Rated ripple current values are guaranteed at 105 °C
• No need to consider derating on maximum allowable ripple
current
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Operating Temperature Range
- 55 °C to + 105 °C
Capacitance Tolerance at 120 Hz
M: ± 20 %
Tangent of Loss Angle (tan
δ) at 120 Hz
Values in Standard Ratings Table
Leakage Current (µA/2 minutes) (or less)*
Values in Standard Ratings Table
Equivalent Series Resistance (
Ω), (100 k to 300 kHz)
Values in Standard Ratings Table
Characteristics at high temp. and low temp.
Impedance Ratio at 100 kHz, + 20 °C
- 55 °C
Z/Z20 °C
1.0 to 1.25
+ 105 °C
Z/Z20 °C
0.75 to1.0
Endurance + 105 °C, 2000 hours
Rated Voltage Applied (25 WV to 20 V)
(1000 hours for A5/B6 sizes)
ΔC/C
Within ± 20 %
tan
δ≤ 1.5 x the value of Tangent of Loss Angle
ESR
≤ 1.5 x the value of ESR
Leakage Current
≤ The Value of Leakage Current
Damp heat (Steady state)
(+ 60 °C, 90 to 95 % RH, 1000 hours, no voltage)
(500 hours for A5/B6 sizes)
ΔC/C
Within ± 20 %
tan
δ≤ 1.5 x the value of Tangent of Loss Angle
ESR
≤ 1.5 x the value of ESR
Leakage Current
≤ The Value of Leakage Current after Voltage
Treatment
Reverse Voltage Guarantee
Temporary: < 20 % of the rated voltage
Continuous: < 10 % of the rated voltage
Solder heat resistance (VPS)**
(215 °C x 90 s) or (230 °C x 60 s)
(Please consult us for A5/B6 sizes)
ΔC/C
Within ± 10 %
tan
δ≤ 1.3 x the value of Tangent of Loss Angle
ESR
≤ 1.3 x the value of ESR
Leakage Current
≤ The Value of Leakage Current after Voltage
Treatment
* If any doubt arises, measure the current after applying voltage (voltage treatment). Voltage Treatment: The rated voltage is applied to Vishay
OS-CON (2.5 to 20 WV) for 120 minutes at 105 °C. (However, 20 V is applied to a 25 WV Vishay OS-CON).
** Refer to Standard Ratings table for soldering recommendation.
DIMENSIONS in millimeters
Ø D
DIMENSIONS in millimeters
SIZE
CODE
∅ D
± 0.5
L
max.
W
± 0.2
H
± 0.2
C
± 0.2
R
P
± 0.2
A5
4.0
5.5
4.3
4.3
5.0
0.5 to 0.8
1.0
B6
5.0
6.0
5.3
5.3
6.0
0.5 to 0.8
1.4
C6
6.3
6.0
6.6
6.6
7.3
0.5 to 0.8
2.1
E7
8.0
7.0
8.3
8.3
9.0
0.5 to 0.8
3.2
F8
10.0
8.0
10.3
10.3
11.0
0.5 to 0.8
4.6
E12
8.0
12.0
8.3
8.3
9.0
0.8 to 1.1
3.2
F12
10.0
12.7
10.3
10.3
11.0
0.8 to 1.1
4.6


Similar Part No. - 94SVP827X06R3F12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SVP VISHAY-94SVP Datasheet
84Kb / 4P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
94SVPD106X0025C6 VISHAY-94SVPD106X0025C6 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVPD186X0035F8 VISHAY-94SVPD186X0035F8 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVPD226X0025E7 VISHAY-94SVPD226X0025E7 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
More results

Similar Description - 94SVP827X06R3F12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TFC221KB PANASONIC-ECK-TFC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
logo
Lumins Inc.
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
   Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
   Ceiling surface mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com