Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR011205P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCR011205P
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR011205P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DCR011205P Datasheet HTML 1Page - Burr-Brown (TI) DCR011205P Datasheet HTML 2Page - Burr-Brown (TI) DCR011205P Datasheet HTML 3Page - Burr-Brown (TI) DCR011205P Datasheet HTML 4Page - Burr-Brown (TI) DCR011205P Datasheet HTML 5Page - Burr-Brown (TI) DCR011205P Datasheet HTML 6Page - Burr-Brown (TI) DCR011205P Datasheet HTML 7Page - Burr-Brown (TI) DCR011205P Datasheet HTML 8Page - Burr-Brown (TI) DCR011205P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DCR01 Series
3
SBVS013C
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = nominal, IO = 10mA, CO = 0.1µF, unless otherwise specified.
DCR01 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Setpoint
DCR010503
3.3
V
DCR010505
5V
DCR011203
3.3
V
DCR011205
5V
DCR012403
3.3
V
DCR012405
5V
Setpoint Accuracy
0.5
2.0
%
Maximum Output Current
DCR010503P
300
mA
DCR010503U
300
mA
DCR010505P
200
mA
DCR010505U
200
mA
DCR011203P
390
mA
DCR011203U
300
mA
DCR011205P
200
mA
DCR011205U
200
mA
DCR012403P
390
mA
DCR012403U
300
mA
DCR012405P
200
mA
DCR012405U
200
mA
Output Short-Circuit Protected
Duration
Infinite
Line Regulation
DCR010503
1mV/V
DCR010505
1mV/V
DCR011203
1mV/V
DCR011205
1mV/V
DCR012403
1mV/V
DCR012405
1mV/V
Over Line and Load
DCR010503
10mA to 300mA Load, 4.5V to 5.5V Line
1.0
2.5
%
DCR010505
10mA to 200mA Load, 4.5V to 5.5V Line
1.0
2.5
%
DCR011203P
10mA to 390mA Load, 10.8V to 13.2V Line
1.0
2.5
%
DCR011203U
10mA to 300mA Load, 10.8V to 13.2V Line
1.0
2.5
%
DCR011205
10mA to 200mA Load, 10.8V to 13.2V Line
1.0
2.5
%
DCR012403P
10mA to 390mA Load, 21.6V to 26.4V Line
1.0
2.5
%
DCR012403U
10mA to 300mA Load, 21.6V to 26.4V Line
1.0
2.5
%
DCR012405
10mA to 200mA Load, 21.6V to 26.4V Line
1.0
2.5
%
Versus Temperature
–40
°C to +85°C
1.0
%
Ripple and Noise
DCR010503P Ripple
20MHz Bandwidth, 50% Load(1)
5
mVp-p
DCR010503P Noise
100MHz Bandwidth, 50% Load(1)
35
mVp-p
DCR010503U Ripple
20MHz Bandwidth, 50% Load(1)
8
mVp-p
DCR010503U Noise
100MHz Bandwidth, 50% Load(1)
23
mVp-p
DCR010505P Ripple
20MHz Bandwidth, 50% Load(1)
6
mVp-p
DCR010505P Noise
100MHz Bandwidth, 50% Load(1)
20
mVp-p
DCR010505U Ripple
20MHz Bandwidth, 50% Load(1)
9
mVp-p
DCR010505U Noise
100MHz Bandwidth, 50% Load(1)
20
mVp-p
DCR011203P Ripple
20MHz Bandwidth, 50% Load(1)
10
mVp-p
DCR011203P Noise
100MHz Bandwidth, 50% Load(1)
54
mVp-p
DCR011203U Ripple
20MHz Bandwidth, 50% Load(1)
8
mVp-p
DCR011203U Noise
100MHz Bandwidth, 50% Load(1)
22
mVp-p
DCR011205P Ripple
20MHz Bandwidth, 50% Load(1)
6
mVp-p
DCR011205P Noise
100MHz Bandwidth, 50% Load(1)
45
mVp-p
DCR011205U Ripple
20MHz Bandwidth, 50% Load(1)
6
mVp-p
DCR011205U Noise
100MHz Bandwidth, 50% Load(1)
21
mVp-p
DCR012403P Ripple
20MHz Bandwidth, 50% Load(1)
10
mVp-p
DCR012403P Noise
100MHz Bandwidth, 50% Load(1)
22
mVp-p
DCR012403U Ripple
20MHz Bandwidth, 50% Load(1)
8
mVp-p
DCR012403U Noise
100MHz Bandwidth, 50% Load(1)
22
mVp-p
DCR012405P Ripple
20MHz Bandwidth, 50% Load(1)
10
mVp-p
DCR012405P Noise
100MHz Bandwidth, 50% Load(1)
22
mVp-p
DCR012405U Ripple
20MHz Bandwidth, 50% Load(1)
13
mVp-p
DCR012405U Noise
100MHz Bandwidth, 50% Load(1)
32
mVp-p
INPUT
Nominal Voltage (VS)
DCR0105xx
5
V
DCR0112xx
12
V
DCR0124xx
24
V
Voltage Range
–10
+10
%


Similar Part No. - DCR011205P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR011205P BURR-BROWN-DCR011205P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011205P TI1-DCR011205P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011205P TI1-DCR011205P Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR011205P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com