Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94SVP107X0020E12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 94SVP107X0020E12
Description  Vertical Surface Mounting Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SVP107X0020E12 Datasheet(HTML) 3 Page - Vishay Siliconix

  94SVP107X0020E12 Datasheet HTML 1Page - Vishay Siliconix 94SVP107X0020E12 Datasheet HTML 2Page - Vishay Siliconix 94SVP107X0020E12 Datasheet HTML 3Page - Vishay Siliconix 94SVP107X0020E12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 90021
310
Revision: 26-Jun-06
94SVP
Vishay OS-CON
Vertical Surface Mounting Capacitors
B6
94SVP106X0020B6
20
10
170
850
0.10
100
94SVP156X0016B6
16
15
150
920
0.10
120
94SVP226X0016B6
16
22
150
920
0.15
176
94SVP336X0010B6
10
33
130
990
0.15
165
94SVP476X06R3B6
6.3
47
90
1060
0.15
148
94SVP396X0004B6
4
39
70
1100
0.15
78
94SVP686X0004B6
4
68
70
1100
0.15
136
C6
94SVP685X0025C6
25
6.8
80
1200
0.10
85
94SVP226X0020C6
20
22
65
1390
0.10
88
94SVP276X0020C6
20
27
60
1450
0.10
108
94SVP396X0016C6
16
39
65
1390
0.10
125
94SVP476X0010C6
10
47
60
1450
0.12
94
94SVP566X0010C6
10
56
55
1510
0.12
112
94SVP107X06R3C6
6.3
100
40
1810
0.12
126
94SVP826X06R3C6
6.3
82
50
1570
0.12
103
94SVP157X0004C6
4
150
50
1620
0.12
120
E7
94SVP106X0025E7
25
10
60
1500
0.10
125
94SVP336X0020E7
20
33
50
1700
0.12
132
94SVP476X0020E7
20
47
50
1700
0.12
188
94SVP566X0016E7
16
56
50
1800
0.12
179
94SVP826X0016E7
16
82
45
1890
0.12
262
94SVP127X0010E7
10
120
40
2120
0.12
240
94SVP157X0010E7
10
150
35
2560
0.12
300
94SVP157X0004E7
4
150
35
2350
0.12
120
94SVP337X0004E7
4
330
35
2560
0.12
264
94SVP227X06R3E7
6.3
220
35
2560
0.12
277
F8
94SVP226X0025F8
25
22
50
2000
0.10
275
94SVP566X0020F8
20
56
45
2200
0.12
224
94SVP686X0020F8
20
68
45
2200
0.12
272
94SVP107X0016F8
16
100
40
2400
0.12
320
94SVP157X0016F8
16
150
35
2670
0.12
480
94SVP157X0010F8
10
150
35
2670
0.12
300
94SVP277X0010F8
10
270
30
3020
0.12
540
94SVP227X06R3F8
6.3
220
30
3020
0.12
277
94SVP477X06R3F8
6.3
470
25
3700
0.12
592
94SVP337X06R3F8
6.3
330
25
3300
0.12
416
94SVP687X0004F8
4
680
25
3700
0.12
544
E12
94SVP336X0025E12
25
33
30
2980
0.12
413
94SVP107X0020E12
20
100
25
3260
0.15
400
94SVP187X0016E12
16
180
22
3480
0.15
576
94SVP337X0010E12
10
330
19
3740
0.15
660
94SVP477X06R3E12
6.3
470
17
3960
0.15
592
94SVP567X0004E12
4
560
16
4080
0.15
448
94SVP687X02R5E12
2.5
680
16
4080
0.15
340
F12
94SVP566X0025F12
25
56
28
3800
0.12
700
94SVP157X0020F12
20
150
21
4220
0.15
600
94SVP337X0016F12
16
330
17
4580
0.15
792
94SVP567X0010F12
10
560
15
4870
0.15
840
94SVP827X06R3F12
6.3
820
14
5040
0.15
775
94SVP128X0004F12
4
1200
13
5230
0.18
960
94SVP158X02R5F12
2.5
1500
13
5230
0.18
750
* Part Numbers shown are for ± 20 % capacitance tolerance (X0).
STANDARD RATINGS
CASE
CODE
PART
NUMBER*
RATED
VOLTAGE
(V)
RATED
CAPACITANCE
(µF)
MAX. ESR
(100 k to
300 kHz) (m
Ω)
ALLOWABLE
RIPPLE CURRENT
(mAmps)
at 100 kHz, + 105 °C
MAX.
TANGENT
OF LOSS
ANGLE
MAX. LEAKAGE
CURRENT (µA)
(After 2
Minutes)


Similar Part No. - 94SVP107X0020E12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SVP VISHAY-94SVP Datasheet
84Kb / 4P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
94SVPD106X0025C6 VISHAY-94SVPD106X0025C6 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVPD186X0035F8 VISHAY-94SVPD186X0035F8 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVPD226X0025E7 VISHAY-94SVPD226X0025E7 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
More results

Similar Description - 94SVP107X0020E12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TFC221KB PANASONIC-ECK-TFC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
logo
Lumins Inc.
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
   Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
   Ceiling surface mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com