Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8820IBDBG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC8820IBDBG4
Description  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IBDBG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8820IBDBG4 Datasheet HTML 2Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 3Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 4Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 5Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 6Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 7Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 8Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 9Page - Texas Instruments DAC8820IBDBG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
6
0
-6
-12
-18
-24
-30
-36
-42
-48
-54
-60
-66
-72
-78
-84
-90
-96
-102
-108
-114
10
100
1k
10k
100k
1M
10M
100M
Bandwidth(Hz)
0xFFFF
0x8000
0x4000
0x2000
0x1000
0x0800
0x0400
0x0200
0x0100
0x0080
0x0040
0x0020
0x0010
0x0008
0x0004
0x0002
0x0001
0x0000
180
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LogicInputVoltage(V)
V
=+5.0V
DD
V
=+2.7V
DD
6
0
-6
-12
-18
-24
-30
-36
-42
-48
-54
-60
-66
-72
-78
-84
-90
-96
-102
-108
-114
10
100
1k
10k
100k
1M
10M
100M
Bandwidth(Hz)
0xFFFF
0xC000
0xA000
0x9000
0x8800
0x8400
0x8200
0x8100
0x8080
0x8040
0x8020
0x8010
0x8008
0x8004
0x8002
0x8001
0x8000
Codesfrom
Full-scaleto
Midscale
6
0
-6
-12
-18
-24
-30
-36
-42
-48
-54
-60
-66
-72
-78
-84
-90
-96
-102
-108
-114
10
100
1k
10k
100k
1M
10M
100M
Bandwidth(Hz)
0x0000
0x4000
0x6000
0x5000
0x4800
0x4400
0x4200
0x4100
0x4080
0x4040
0x4020
0x4010
0x4008
0x4004
0x4002
0x4001
0x8000
Codesfrom
Midscaleto
ZeroScale
Time(0.5 s)
m
Code:7FFFhto8000h
LDACPulse
V
=+10V
REF
Time(0.5 s)
m
Code:8000hto7FFFh
LDACPulse
V
=+10V
REF
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT
REFERENCE MULTIPLYING BANDWIDTH
vs LOGIC INPUT VOLTAGE
UNIPOLAR MODE
Figure 7.
Figure 8.
REFERENCE MULTIPLYING BANDWIDTH
REFERENCE MULTIPLYING BANDWIDTH
BIPOLAR MODE
BIPOLAR MODE
Figure 9.
Figure 10.
MIDSCALE DAC GLITCH
MIDSCALE DAC GLITCH
Figure 11.
Figure 12.
6
Submit Documentation Feedback


Similar Part No. - DAC8820IBDBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QB BURR-BROWN-DAC8822QB Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8820IBDBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com