Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML145583 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML145583
Description  3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145583 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML145583 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145583 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145583 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145583 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145583 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145583 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145583 Datasheet HTML 7Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LANSDALE Semiconductor, Inc.
ML145583
MAXIMUM RATINGS (Voltage polarities referenced to GND)
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC
– 0.5 to + 6.0
V
Input Voltage
Rx1 – Rx5 Inputs
DI1 – DI3 Inputs
VIR
VSS – 15 to VDD + 15
– 0.5 to VCC + 0.5
V
DC Current per Pin
I
± 100
mA
Power Dissipation
PD
1
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
RECOMMENDED OPERATING LIMITS
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply
VCC
VCC*
3.0
4.5
3.3
5.0
3.6
5.5
V
Operating Temperature Range
TA
– 40
85
°C
* Capacitors C1 and C2 are replaced by a 1
µF capacitor at VCC = 5 V.
DC ELECTRICAL CHARACTERISTICS (Voltage polarities referenced to GND = 0 V; C1 – C5 = 1 µF; TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supply
VCC
3.0
3.3
3.6
V
Quiescent Supply Current (Output Unloaded, Input Low)
ICC
2.8
6.0
mA
Quiescent Supply Current (Standby Mode; STB = 1, Output Unloaded)
ICC(STB)
< 5
10
µA
Control Signal Input Voltage (STB)
VIL
VIH
VCC – 0.5
0.5
V
Control Signal Input Current (STB)
IIL
IIH
10
10
µA
Charge Pumps Output Voltage (VCC = 3 V; C1, C2, C3, C4, C5 = 1 µF)
Output Voltage (VDD)Iload = 0 mA
Iload = 6 mA
VDD
8.5
7.5
8.8
7.9
V
Output Voltage (VSS)Iload = 0 mA
Iload = 6 mA
VSS
– 8.8
– 7.8
– 8.5
– 7.0
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 3.3 V 10%; C1 – C5 = 1 µF; TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Input Turn–On Threshold (VDO1 – DO5 = VOL; Rx1 – Rx5)
3.3 V
5.0 V
Von
1.35
2.00
1.8
2.5
2.35
3.10
V
Input Turn–Off Threshold (VDO1 – DO5 = VOH; Rx1 – Rx5)
3.3 V
5.0 V
Voff
0.75
1.20
1.0
1.5
1.25
1.80
V
Input Resistance
Rin
3
5.4
7
k
High–Level Output Voltage (DO1 – DO5)
Iout = – 20 µA
VRx1 – Rx5 = – 3 to – 25 V
Iout = – 1 mA
VOH
VCC – 0.1
VCC – 0.6
2.7
V
Low–Level Output Voltage (DO1 – DO5)
Iout = + 20 µA
VRx1 – Rx5 = + 3 to + 25 V
Iout = + 1.6 mA
VOL
0.01
0.5
0.1
0.7
V
Ring Monitor Circuit (Input Threshold)
VTH
1.1
V
High–Level Output Voltage (RIMON)
Iout = – 20 µA
Iout = – 1 mA
VOH
VCC – 0.1
VCC – 0.6
2.7
V
Low–Level Output Voltage (RIMON)
Iout = + 20 µA
Iout = + 1.6 mA
VOL
0.01
0.5
0.1
0.7
V
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, it is recommended that the voltage
at the DI and DO pins be constrained to the
range GND
≤ VDI ≤ VCC and GND ≤ VDO
≤ VCC. Also, the voltage at the Rx pin should
be constrained to (VSS – 15 V) ≤ VRx1 – Rx5
≤ (VDD + 15 V), and Tx should be constrained
to VSS ≤ VTx1 – Tx3 ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., GND or
VCC for DI, and GND for Rx).
www.lansdale.com
Page 3 of 7
Issue A


Similar Part No. - ML145583

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145583-7P LANSDALE-ML145583-7P Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
More results

Similar Description - ML145583

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Motorola, Inc
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com