Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4922 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4922
Description  Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4922 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4922 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4922 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AO4922
FET1 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
DYNAMIC PARAMETERS
0
20
40
60
80
100
012
345
VDS (Volts)
Figure 1: On-Region Characteristics
10V
4.5V
VGS=3.5V
6V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
VGS(Volts)
Figure 2: Transfer Characteristics
10
12
14
16
18
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
0
30
60
90
120
150
180
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
ID=9A
VGS=10V
VGS=4.5V
10
15
20
25
30
35
246
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°
VDS=5V
VGS=4.5V
VGS=10V
ID=9A
25°C
125°C
ID=7A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4922

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
More results

Similar Description - AO4922

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4F800 AOSMD-AO4F800 Datasheet
141Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4824 AOSMD-AO4824 Datasheet
134Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com