Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7HP-AD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7HP-AD
Description  Compact Total Counters and Time Counters with Easy-to-read Displays and IP66G/ NEMA4 Water and Oil Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7HP-AD Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7HP-AD Datasheet HTML 1Page - Omron Electronics LLC H7HP-AD Datasheet HTML 2Page - Omron Electronics LLC H7HP-AD Datasheet HTML 3Page - Omron Electronics LLC H7HP-AD Datasheet HTML 4Page - Omron Electronics LLC H7HP-AD Datasheet HTML 5Page - Omron Electronics LLC H7HP-AD Datasheet HTML 6Page - Omron Electronics LLC H7HP-AD Datasheet HTML 7Page - Omron Electronics LLC H7HP-AD Datasheet HTML 8Page - Omron Electronics LLC H7HP-AD Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
C-52
Total Counter/Time Counter (DIN 72 x 36)
H7HP
Specifications
I Ratings
Note: 1. Contains 20% ripple (p-p) max.
2. Only a non-voltage input (NPN transistor) is possible for the key protection input. Switching between the NPN and PNP input methods
does not affect the key protection input, i.e., a PNP input cannot be used.
Item
6-digit total counter/time counter
8-digit total counter
H7HP-A
H7HP-AD
H7HP-C8
H7HP-C8D
Rated supply voltage
100 to 240 VAC (50/60 Hz) 12 to 24 VDC (see note 1) 100 to 240 VAC (50/60 Hz) 12 to 24 VDC (see note 1)
External power supply
50 mA at 12 VDC
---
50 mA at 12 VDC
---
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
100 to 240 VAC: 6.5 VA max.
12 to 24 VDC:
0.6 W max.
Dimensions
72 x 36 x 66 mm (W x H x D)
Mounting method
Flush mounting
External connections
Screw terminals
Degree of protection
Panel surface: IEC IP66 (JEM standard IP66G) and NEMA Type 4 (indoors)
Display
7-segment, negative transmissive LCD (with red backlight)
Digits
6 digits (15-mm-high characters)
8 digits (12-mm-high characters)
Function
Total counter/time counter (selected via DIP switch)
Total counter
Input mode
Up/down (individual) (total counter), or accumulative
(time counter)
Up/down (individual)
Max. counting speeds
30 Hz or 5 kHz (selected via DIP switch)
Counting range
-99999 to 999999
-9999999 to 99999999
Time specification
0.1 to 99999.9 h/1 s to 99 h 59 min 59 s
---
Timing accuracy
±100 ppm (-10°C to 55°C)
---
Memory backup
EEP-ROM: 200,000 operations min.
Input
Input signals
Count 1 (increment), count 2 (decrement), reset, and key protection (see note 2)
Input method
No-voltage input (NPN transistor input) or voltage input (PNP transistor input) (selected via DIP switch)
Count, start,
gate, reset
No-voltage input (NPN transistor input)
Short-circuit (ON) impedance:
1 K
Ω max.
Short-circuit (ON) residual voltage: 2 VDC max.
Open (OFF) impedance:
100 k
Ω min.
Voltage input (PNP transistor input)
Short-circuit (ON) impedance:
1 K
Ω max.
ON voltage:
9 to 24 VDC
OFF voltage:
5 VDC max.
Open (OFF) impedance:
100 k
Ω min.
Key protection
No-voltage input (NPN transistor input)
Short-circuit (ON) impedance:
1 K
Ω max.
Short-circuit (ON) residual voltage: 0.5 VDC max.
Open (OFF) impedance:
100 k
Ω min.
Input re-
sponse
speed
Reset
Time counter: 20 ms; total counter: 20 ms or 1 ms (automatically switched according to counting speed)
Start
Time counter: 20 ms
Key protection
Approx. 1 s
Approx. 1 s
Reset system
External and manual resets


Similar Description - H7HP-AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
   Decade and Binary Counters
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
   Decade and Binary Counters
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
   Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
   Decade, and Binary Counters
logo
Fairchild Semiconductor
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
   Decade and Binary Counters
logo
Intersil Corporation
ICM7207 INTERSIL-ICM7207_1 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Maxim Integrated Produc...
ICM7240 MAXIM-ICM7240 Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Motorola, Inc
MC14568B MOTOROLA-MC14568B Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
logo
TT Electronics.
DS1226 TTELEC-DS1226 Datasheet
335Kb / 2P
   Oil and Water Flow Meter
logo
Texas Instruments
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com