Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1162 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT1162
Description  12V, 1.5A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1162 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT1162 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics
1
4.0V < V
IN < 13.2V. CIN = COUT = 22µF; L = 4.7µH, TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues are at T
A = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
T
SD
Over-Temperature Shutdown
140
°C
Threshold
T
HYS
Over-Temperature Shutdown
25
°C
Hysteresis
V
IL
EN Logic Low Input Threshold
0.4
V
V
IH
EN Logic High Input Threshold
1.4
V
I
EN
EN Input Current
V
EN = 0V, VEN = 13.2V
-1.0
1.0
µA
AAT1162
12V, 1.5A Step-Down DC/DC Converter
1162.2007.09.1.2
5
1. The AAT1162 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.


Similar Part No. - AAT1162

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162IRN-0.6-T1 ANALOGICTECH-AAT1162IRN-0.6-T1 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162IRN-0.6-T1 SKYWORKS-AAT1162IRN-0.6-T1 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
More results

Similar Description - AAT1162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com