Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76833QPWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76833QPWP
Description  FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76833QPWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76833QPWP Datasheet HTML 7Page - Texas Instruments TPS76833QPWP Datasheet HTML 8Page - Texas Instruments TPS76833QPWP Datasheet HTML 9Page - Texas Instruments TPS76833QPWP Datasheet HTML 10Page - Texas Instruments TPS76833QPWP Datasheet HTML 11Page - Texas Instruments TPS76833QPWP Datasheet HTML 12Page - Texas Instruments TPS76833QPWP Datasheet HTML 13Page - Texas Instruments TPS76833QPWP Datasheet HTML 14Page - Texas Instruments TPS76833QPWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
DEVICE OPERATION
MINIMUM LOAD REQUIREMENTS
FB - PIN CONNECTION (ADJUSTABLE VERSION ONLY)
EXTERNAL CAPACITOR REQUIREMENTS
TPS768xxQ
SLVS211L – JUNE 1999 – REVISED JANUARY 2006
The TPS768xxQ family includes eight fixed-output voltage regulators (1.5 V, 1.8 V, 2.5 V, 2.7 V, 2.8 V, 3.0 V,
3.3 V, and 5.0 V), and offers an adjustable device, the TPS76801 (adjustable from 1.2 V to 5.5 V).
The TPS768xxQ features very low quiescent current, which remains virtually constant even with varying loads.
Conventional LDO regulators use a PNP pass element, the base current of which is directly proportional to the
load current through the regulator (IB = IC/β). The TPS768xxQ uses a PMOS transistor to pass current; because
the gate of the PMOS is voltage driven, operating current is low and invariable over the full load range.
Another pitfall associated with the PNP-pass element is its tendency to saturate when the device goes into
dropout. The resulting drop in
β forces an increase in I
B to maintain the load. During power up, this translates to
large start-up currents. Systems with limited supply current may fail to start up. In battery-powered systems, it
means rapid battery discharge when the voltage decays below the minimum required for regulation. The
TPS768xxQ quiescent current remains low even when the regulator drops out, eliminating both problems.
The TPS768xxQ family also features a shutdown mode that places the output in the high-impedance state
(essentially equal to the feedback-divider resistance) and reduces quiescent current to 2
µA. If the shutdown
feature is not used, EN should be tied to ground.
The TPS768xxQ family is stable even at zero load; no minimum load is required for operation.
The FB pin is an input pin to sense the output voltage and close the loop for the adjustable option. The output
voltage is sensed through a resistor divider network to close the loop as shown in Figure 27. Normally, this
connection should be as short as possible; however, the connection can be made near a critical circuit to
improve performance at that point. Internally, FB connects to a high-impedance wide-bandwidth amplifier and
noise pickup feeds through to the regulator output. Routing the FB connection to minimize/avoid noise pickup is
essential.
An input capacitor is not usually required; however, a ceramic bypass capacitor (0.047
µF or larger) improves
load transient response and noise rejection if the TPS768xxQ is located more than a few inches from the power
supply. A higher-capacitance electrolytic capacitor may be necessary if large (hundreds of milliamps) load
transients with fast rise times are anticipated.
Like all low dropout regulators, the TPS768xxQ requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance value is 10
µF and the ESR
(equivalent series resistance) must be between 60 m
Ω and 1.5 Ω. Capacitor values 10 µF or larger are
acceptable, provided the ESR is less than 1.5
Ω . Solid tantalum electrolytic, aluminum electrolytic, and multilayer
ceramic capacitors are all suitable, provided they meet the requirements described above.
11
Submit Documentation Feedback


Similar Part No. - TPS76833QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76833QPWP TI-TPS76833QPWP Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76833QPWP TI-TPS76833QPWP Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76833QPWP TI-TPS76833QPWP Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76833QPWP TI1-TPS76833QPWP Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76833QPWPG4 TI-TPS76833QPWPG4 Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76833QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com