Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94SVP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 94SVP
Description  Vertical Surface Mounting Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SVP Datasheet(HTML) 2 Page - Vishay Siliconix

  94SVP Datasheet HTML 1Page - Vishay Siliconix 94SVP Datasheet HTML 2Page - Vishay Siliconix 94SVP Datasheet HTML 3Page - Vishay Siliconix 94SVP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 90021
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 26-Jun-06
309
94SVP
Vertical Surface Mounting Capacitors
Vishay OS-CON
RECOMMENDED LAND PATTERN
a
b
c
DIMENSIONS in millimeters
SIZE
CODE
ab
c
A5
1.0
6.2
1.6
B6
1.4
7.4
1.6
C6
2.1
9.1
1.6
E7
2.8
11.1
1.9
F8
4.3
13.1
1.9
E12
2.8
11.1
1.9
F12
4.3
13.1
1.9
CASE CODE LIST
CAPACITANCE
(µF)
WV
2.5
4
6.3
10
16
20
25
(SV)
(3.3)
(5.2)
(8.2)
(11.5)
(18.4)
(23)
(25)
3.3
-
---
A5
--
4.7
-
--
A5
---
6.8
-
--
A5
--
C6
10.0
-
-
-
A5
-
B6
E7
15.0
-
-
-
A5
B6
-
-
27.0
-
-
-
-
-
C6
-
22.0
--
A5
-
B6
C6
F8
33.0
-
A5
-
B6
-
E7
E12
39.0
-
B6
--
C6
--
47.0
-
-
B6
C6
-
E7
-
56.0
-
-
-
C6
E7
F8
F12
68.0
-
B6
-
-
-
F8
-
82.0
-
-
C6
-
E7
-
-
100.0
-
-
C6
-
F8
E12
-
120.0
-
-
-
E7
-
-
-
150.0
-
C6, E7
-
E7, F8
F8
F12
-
180.0
-
-
-
-
E12
-
-
220.0
--
E7, F8
--
-
-
270.0
-
-
-
E7, F8
-
-
-
330.0
-
E7
F8
E12
F12
-
-
470.0
-
-
F8,E12
-
-
-
-
560.0
-
E12
-
F12
-
-
-
680.0
E12
F8
-
-
-
-
-
820.0
-
-
F12
-
-
-
-
1200.0
-
F12
-
-
-
-
-
1500.0
F12
-
-
-
-
-
-
*** WV = Rated Voltage. **** (SV) = Surge Voltage (at room temperature). The description contents are subject to chage due to technical
improvement without notice. Please ask for latest specifications for order and use.
STANDARD RATINGS
CASE
CODE
PART
NUMBER*
RATED
VOLTAGE
(V)
RATED
CAPACITANCE
(µF)
MAX. ESR
(100 k to
300 kHz) (m
Ω)
ALLOWABLE
RIPPLE CURRENT
(mAmps)
at 100 kHz, + 105 °C
MAX.
TANGENT
OF LOSS
ANGLE
MAX. LEAKAGE
CURRENT (µA)
(After 2
Minutes)
A5
94SVP335X0016A5
16
3.3
280
590
0.07
26.4
94SVP475X0010A5
10
4.7
260
660
0.08
23.5
94SVP685X0010A5
10
6.8
260
660
0.09
34.0
94SVP106X0010A5
10
10
240
670
0.10
50.0
94SVP156X0010A5
10
15
240
670
0.10
75.0
94SVP226X06R3A5
6.3
22
220
700
0.12
69.3
94SVP336X0004A5
4
33
200
740
0.15
66.0
* Part Numbers shown are for ± 20 % capacitance tolerance (X0).


Similar Part No. - 94SVP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SVP VISHAY-94SVP Datasheet
84Kb / 4P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
94SVPD106X0025C6 VISHAY-94SVPD106X0025C6 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVPD186X0035F8 VISHAY-94SVPD186X0035F8 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVPD226X0025E7 VISHAY-94SVPD226X0025E7 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
More results

Similar Description - 94SVP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TFC221KB PANASONIC-ECK-TFC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
logo
Lumins Inc.
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
   Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
   Ceiling surface mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com