Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18H256321BF-11 Datasheet(PDF) 6 Page - Qimonda AG

Part # HYB18H256321BF-11
Description  256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18H256321BF-11 Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYB18H256321BF-11 Datasheet HTML 2Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 3Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 4Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 5Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 6Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 7Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 8Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 9Page - Qimonda AG HYB18H256321BF-11 Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
HYB18H256321BF
256-Mbit GDDR3
Internet Data Sheet
Rev. 0.80, 2007-09
6
09132007-07EM-7OYI
2.1
Ball Definition and Description
TABLE 2
Ball Description
Ball
Type
Detailed Function
CLK, CLK
Input
Clock:
CLK and CLK are differential clock inputs. Address and command inputs are latched on the positive
edge of CLK. Graphics SDRAM outputs (RDQS, DQs) are referenced to CLK. CLK and CLK are not
internally terminated.
CKE
Input
Clock Enable:
CKE HIGH activates and CKE LOW deactivates the internal clock and input buffers. Taking CKE
LOW provides Power Down. If all banks are precharged, this mode is called Precharge Power Down
and Self Refresh mode is entered if a Auto Refresh command is issued. If at least one bank is open,
Active Power Down mode is entered and no Self Refresh is allowed. All input receivers except CLK,
CLK and CKE are disabled during Power Down. In Self Refresh mode the clock receivers are
disabled too. Self Refresh Exit is performed by setting CKE asynchronously HIGH. Exit of Power
Down without Self Refresh is accomplished by setting CKE HIGH with a positive edge of CLK.
The value of CKE is latched asynchronously by Reset during Power On to determine the value of the
termination resistor of the address and command inputs.
CKE is not allowed to go LOW during a RD, a WR or a snoop burst.
CS
Input
Chip Select:
CS enables the command decoder when low and disables it when high. When the command decoder
is disabled, new commands with the exception of DTERDIS are ignored, but internal operations
continue. CS is one of the four command balls.
RAS, CAS,
WE
Input
Command Inputs:
Sampled at the positive edge of CLK, CAS, RAS, and WE define (together with CS) the command
to be executed.
DQ<0:31>
I/O
Data Input/Output:
The DQ signals form the 32 bit data bus. During READs the balls are outputs and during WRITEs
they are inputs. Data is transferred at both edges of RDQS.
DM<0:3>
Input
Input Data Mask:
The DM signals are input mask signals for WRITE data. Data is masked when DM is sampled HIGH
with the WRITE data. DM is sampled on both edges of WDQS. DM0 is for DQ<0:7>, DM1 is for
DQ<8:15>, DM2 is for DQ<16:23> and DM3 is for DQ<24:31>. Although DM balls are input-only,
their loading is designed to match the DQ and WDQS balls.
RDQS<0:3>
Output Read Data Strobes:
RDQSx are unidirectional strobe signals. During READs the RDQSx are transmitted by the Graphics
SDRAM and edge-aligned with data. RDQS have preamble and postamble requirements. RDQS0 is
for DQ<0:7>, RDQS1 for DQ<8:15>, RDQS2 for DQ<16:23> and RDQS3 for DQ<24:31>.
WDQS<0:3> Input
Write Data Strobes: WDQSx are unidirectional strobe signals. During WRITEs the WDQSx are
generated by the controller and center aligned with data. WDQS have preamble and postamble
requirements. WDQS0 is for DQ<0:7>, WDQS1 for DQ<8:15>, WDQS2 for DQ<16:23> and WDQS3
for DQ<24:31>.
BA<0:1>
Input
Bank Address Inputs:
BA select to which internal bank an ACTIVATE, READ, WRITE or PRECHARGE command is being
applied. BA are also used to distinguish between the MODE REGISTER SET and EXTENDED
MODE REGISTER SET commands.


Similar Part No. - HYB18H256321BF-11

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H1G321AF-10/11/14 QIMONDA-HYB18H1G321AF-10/11/14 Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H512321BF QIMONDA-HYB18H512321BF Datasheet
2Mb / 43P
   512-Mbit GDDR3 Graphics RAM
HYB18H512321BF-08/10 QIMONDA-HYB18H512321BF-08/10 Datasheet
2Mb / 43P
   512-Mbit GDDR3 Graphics RAM
HYB18H512321BF-11/12/14 QIMONDA-HYB18H512321BF-11/12/14 Datasheet
2Mb / 43P
   512-Mbit GDDR3 Graphics RAM
More results

Similar Description - HYB18H256321BF-11

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H512321BF QIMONDA-HYB18H512321BF Datasheet
2Mb / 43P
   512-Mbit GDDR3 Graphics RAM
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
logo
Infineon Technologies A...
HYB18T256324F-16 INFINEON-HYB18T256324F-16 Datasheet
1Mb / 80P
   256-Mbit GDDR3 DRAM [600MHz]
Rev. 1.11, April 2005
logo
Integrated Silicon Solu...
IS42G32256 ISSI-IS42G32256 Datasheet
456Kb / 52P
   256K x 32 x 2 (16-Mbit) SYNCHRONOUS GRAPHICS RAM
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
HYE25L256160AC INFINEON-HYE25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Qimonda AG
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
HYB18L256169BF QIMONDA-HYB18L256169BF Datasheet
1Mb / 48P
   256-Mbit Mobile-RAM
logo
Samsung semiconductor
K4J55323QG SAMSUNG-K4J55323QG Datasheet
1Mb / 53P
   256Mbit GDDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com