Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3813I50DBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3813I50DBVRG4
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813I50DBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3813I50DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS3813I50DBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
VDD
RESET
WDI
WDR
WDT
GND
TPS3813
VDD
RESET
I/O
GND
VDD
Position 1
See Note A
Position 2
See Note B
VDD
Position 3
See Note C
Position 5
See Note E
C(ext)
Position 4
See Note D
VDD
0.1
µF
0.1
µF
R
uC
TPS3813J25, TPS3813L30
TPS3813K33, TPS3813I50
SLVS331B – DECEMBER 2000 – REVISED JUNE 2005
If the window watchdog ratio pin (WDR) is set to VDD, Position 1 in Figure 2, then the lower window frame is a
value based on a ratio calculation of the overall window timeout size: For the watchdog timeout pin (WDT)
connected to GND, it is a ratio of 1:124.9, for WDT connected to VDD, it is a ratio of 1:127.7, and for an external
capacitor connected to WDT, it is a ratio of 1:64.5.
If the window watchdog ratio pin (WDR) is set to GND, Position 2, the lower window frame will be a value based
on a ratio calculation of the overall window timeout size: For the watchdog timeout pin (WDT) connected to GND,
it will be a ratio of 1:31.8, for WDT connected to VDD it will be 1:32, and for an external capacitor connected to
WDT it will be 1:25.8.
The watchdog timeout can be set in two fixed timings of 0.25 seconds and 2.5 seconds for the window or can by
programmed by connecting a external capacitor with a low leakage current at WDT.
Example: If the watchdog timeout pin (WDT) is connected to VDD, the timeout will be 2.5 seconds. If the window
watchdog ratio pin (WDR) is set in this configuration to a ratio of 1:127.7 by connecting the pin to VDD, the lower
boundary is 19.6 ms.
A.
Watchdog window ratio
B.
Watchdog timeout set to typical 2.5 sec
C.
Watchdog timeout programmed by external capacitor
D.
Watchdog timeout set to typical 0.25 sec
Figure 2. Application Example
6


Similar Part No. - TPS3813I50DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813I50DBVRG4 TI1-TPS3813I50DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813I50DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com