Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18L256160BFL-7.5 Datasheet(PDF) 8 Page - Qimonda AG

Part # HYB18L256160BFL-7.5
Description  DRAMs for Mobile Applications 256-Mbit Mobile-RAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18L256160BFL-7.5 Datasheet(HTML) 8 Page - Qimonda AG

Back Button HYB18L256160BFL-7.5 Datasheet HTML 4Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 5Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 6Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 7Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 8Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 9Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 10Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 11Page - Qimonda AG HYB18L256160BFL-7.5 Datasheet HTML 12Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Data Sheet
Rev. 1.73, 2006-09
8
01302004-CZ2R-J9SE
HY[B/E]18L256160B[C/F]L-7.5
256-Mbit Mobile-RAM
2.1
Power On and Initialization
The Mobile-RAM must be powered up and initialized in a predefined manner (see Figure 3). Operational procedures other than
those specified may result in undefined operation.
FIGURE 3
Power-Up Sequence and Mode Register Sets
1. At first, device core power (
V
DD) and device IO power (VDDQ) must be brought up simultaneously. Typically VDD and VDDQ
are driven from a single power converter output.
Assert and hold CKE and DQM to a HIGH level.
2. After
V
DD and VDDQ are stable and CKE is HIGH, apply stable clocks.
3. Wait for 200
µs while issuing NOP or DESELECT commands.
4. Issue a PRECHARGE ALL command, followed by NOP or DESELECT commands for at least
t
RP period.
5. Issue two AUTO REFRESH commands, each followed by NOP or DESELECT commands for at least
t
RFC period.
6. Issue two MODE REGISTER SET commands for programming the Mode Register and Extended Mode Register, each
followed by NOP or DESELECT commands for at least
t
MRD period; the order in which both registers are programmed is
not important. Programming of the Extended Mode Register may be omitted when default values (half drive strength, 4 bank
refresh) will be used.
Following these steps, the Mobile-RAM is ready for normal operation.


Similar Part No. - HYB18L256160BFL-7.5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18L256160BF INFINEON-HYB18L256160BF Datasheet
1Mb / 49P
   DRAMs for Mobile Applications
V1.4, April 2004
HYB18L256160BF-7.5 INFINEON-HYB18L256160BF-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
HYB18L256160BF-75 INFINEON-HYB18L256160BF-75 Datasheet
1Mb / 49P
   DRAMs for Mobile Applications
V1.4, April 2004
logo
Qimonda AG
HYB18L256160BFX-7.5 QIMONDA-HYB18L256160BFX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
More results

Similar Description - HYB18L256160BFL-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M512160BF-6 QIMONDA-HYB18M512160BF-6 Datasheet
793Kb / 24P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
HYE25L256160AC INFINEON-HYE25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Qimonda AG
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com