Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18H512321BF Datasheet(PDF) 31 Page - Qimonda AG

Part # HYB18H512321BF
Description  512-Mbit GDDR3 Graphics RAM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18H512321BF Datasheet(HTML) 31 Page - Qimonda AG

Back Button HYB18H512321BF Datasheet HTML 27Page - Qimonda AG HYB18H512321BF Datasheet HTML 28Page - Qimonda AG HYB18H512321BF Datasheet HTML 29Page - Qimonda AG HYB18H512321BF Datasheet HTML 30Page - Qimonda AG HYB18H512321BF Datasheet HTML 31Page - Qimonda AG HYB18H512321BF Datasheet HTML 32Page - Qimonda AG HYB18H512321BF Datasheet HTML 33Page - Qimonda AG HYB18H512321BF Datasheet HTML 34Page - Qimonda AG HYB18H512321BF Datasheet HTML 35Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
HYB18H512321BF
512-Mbit GDDR3
Internet Data Sheet
Rev. 1.1, 2007-09
31
05292007-WAU2-UU95
5.10
Operating Currents
5.10.1
Operating Current Ratings for HYB18H512321BF
TABLE 20
Operating Current Ratings ( 0 °C
≤ T
c ≤ 85 °C)
Parameter
Symbol
Values
Unit Note
-8
–10
–11
–12
–14
Typ
Typ.
Typ.
Typ.
Typ.
Operating Current
I
DD0
630
580
535
500
435
mA
1)2)3)
1) IDD specifications are tested after the device is properly initialized.
2) Input slew rate = 3 V/ns.
3) Measured with Output open and On Die termination off.
Operating Current
I
DD1
705
650
600
540
415
mA
1)2)3)
Precharge Power-Down Standby Current
I
DD2P
415
380
350
315
235
mA
1)2)3)
Precharge Floating Standby Current
I
DD2F
470
440
410
380
310
mA
1)2)3)
Precharge Quiet Standby Current
I
DD2Q
505
450
400
350
275
mA
1)2)3)
Active Power-Down Standy Current
I
DD3P
410
380
350
320
235
mA
1)2)3)
Active Standby Current
I
DD3N
585
540
500
460
395
mA
1)2)3)
Operating Current Burst Read
I
DD4R
885
810
740
670
575
mA
1)2)3)
Operating Current Burst Write
I
DD4W
890
800
720
660
565
mA
1)2)3)
Auto-Refresh Current (
t
RC=min(tRFC))
I
DD5B
740
700
660
620
535
mA
1)2)3)
Auto-Refresh Current at tREFI
I
DD5D
520
475
435
400
350
mA
1)2)3)
Self Refresh Current
I
DD6
88888mA
1)2)3)4)
4) Enables on-chip refresh and address counter.
Operating Current
I
DD7
920
860
800
740
680
mA
1)2)3)


Similar Part No. - HYB18H512321BF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H1G321AF-10/11/14 QIMONDA-HYB18H1G321AF-10/11/14 Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H256321BF-10 QIMONDA-HYB18H256321BF-10 Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H256321BF-11 QIMONDA-HYB18H256321BF-11 Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
More results

Similar Description - HYB18H512321BF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
logo
Infineon Technologies A...
HYB18T256324F-16 INFINEON-HYB18T256324F-16 Datasheet
1Mb / 80P
   256-Mbit GDDR3 DRAM [600MHz]
Rev. 1.11, April 2005
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
logo
Qimonda AG
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
logo
Cypress Semiconductor
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com