Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3813J25 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3813J25
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813J25 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3813J25_07 Datasheet HTML 3Page - Texas Instruments TPS3813J25_07 Datasheet HTML 4Page - Texas Instruments TPS3813J25_07 Datasheet HTML 5Page - Texas Instruments TPS3813J25_07 Datasheet HTML 6Page - Texas Instruments TPS3813J25_07 Datasheet HTML 7Page - Texas Instruments TPS3813J25_07 Datasheet HTML 8Page - Texas Instruments TPS3813J25_07 Datasheet HTML 9Page - Texas Instruments TPS3813J25_07 Datasheet HTML 10Page - Texas Instruments TPS3813J25_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS3813J25, TPS3813L30
TPS3813K33, TPS3813I50
SLVS331B – DECEMBER 2000 – REVISED JUNE 2005
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
Supply voltage(2)
7 V
VDD
RESET
–0.3 V to VDD + 0.3 V
All other pins (2)
–0.3 V to 7 V
IOL
Maximum low output current
5 mA
IOH
Maximum high output current
–5 mA
IIK
Input clamp current (VI < 0 or VI > VDD)
±20 mA
IOK
Output clamp current (VO < 0 or VO > VDD)
±20 mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Soldering temperature
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 7 V for more than t = 1000h
continuously.
DISSIPATION RATING TABLE
TA <25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
at specified temperature range
MIN
MAX
UNIT
VDD
Supply voltage
2
6
V
VI
Input voltage
0
VDD + 0.3
V
VIH
High-level input voltage
0.7 x VDD
V
VIL
Low-level input voltage
0.3 x VDD
V
∆t/∆V
Input transition rise and fall rate
100
ns/V
tw
Pulse width of WDI trigger pulse
50
ns
TA
Operating free-air temperature range
–40
85
°C
7


Similar Part No. - TPS3813J25_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25DBV TI-TPS3813J25DBV Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25DBVR TI1-TPS3813J25DBVR Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813J25DBVRG4 TI1-TPS3813J25DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813J25DBVT TI1-TPS3813J25DBVT Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813J25DBVTG4 TI1-TPS3813J25DBVTG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813J25_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com