Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T32000EDL-3-B2 Datasheet(PDF) 11 Page - Qimonda AG

Part # HYS64T32000EDL-3-B2
Description  200-Pin SO-DIMM DDR2 SDRAM Modules
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T32000EDL-3-B2 Datasheet(HTML) 11 Page - Qimonda AG

Back Button HYS64T32000EDL-3-B2 Datasheet HTML 7Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 8Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 9Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 10Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 11Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 12Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 13Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 14Page - Qimonda AG HYS64T32000EDL-3-B2 Datasheet HTML 15Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
HYS64T[32/64/128]xxxEDL–[25F/…/3.7](–)B2
Small Outlined DDR2 SDRAM Modules
Internet Data Sheet
Rev. 1.13, 2007-10
11
08212006-PKYN-2H1B
TABLE 6
Abbreviations for pin Type
TABLE 7
Abbreviations for Buffer Type
119
ODT1
I
SSTL
On-Die Termination Control 1
Asserts on-die termination for DQ, DM, DQS, and DQS
signals if enabled via the DDR2 SDRAM mode register.
Note: 2 Rank modules
NC
NC
Not Connected
Note: 1 Rank modules
69,83,84,120,163
NC
NC
Not connected
Pins not connected on Qimonda SO-DIMMs
Abbreviation
Description
I
Standard input-only pin. Digital levels.
O
Output. Digital levels.
I/O
I/O is a bidirectional input/output signal.
AI
Input. Analog levels.
PWR
Power
GND
Ground
NC
Not Connected
Abbreviation
Description
SSTL
Serial Stub Terminated Logic (SSTL_18)
LV-CMOS
Low Voltage CMOS
CMOS
CMOS Levels
OD
Open Drain. The corresponding pin has 2 operational states, active low and tri-state, and
allows multiple devices to share as a wire-OR.
Pin No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T32000EDL-3-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32000EDL-3-B2 QIMONDA-HYS64T32000EDL-3-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T32000EDL-3-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com