Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18TC512160BF-3 Datasheet(PDF) 7 Page - Qimonda AG

Part # HYB18TC512160BF-3
Description  512-Mbit Double-Data-Rate-Two SDRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18TC512160BF-3 Datasheet(HTML) 7 Page - Qimonda AG

Back Button HYB18TC512160BF-3 Datasheet HTML 3Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 4Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 5Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 6Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 7Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 8Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 9Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 10Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 11Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Internet Data Sheet
Rev. 1.11, 2006-09
7
03292006-HDLH-OAY6
HYB18TC512[16/80]0BF
512-Mbit Double-Data-Rate-Two SDRAM
2
Pin Configuration
This chapter contains the pin configuration tables.
2.1
CPin Configuration for TFBGA–60 TFBGA–84
The pin configuration of a DDR2 SDRAM is listed by function in Table 6. The abbreviations used in the Pin# and Buffer Type
columns are explained in Table 7 and Table 8 respectively. The pin numbering for the FBGA package is depicted in Figure 1
for
×4, Figure 2 for ×8 and Figure 3 for ×16.
TABLE 6
Pin Configuration of DDR2 SDRAM
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
×8 Organization
E8
CK
I
SSTL
Clock Signal CK, Complementary Clock Signal CK
F8
CK
I
SSTL
F2
CKE
I
SSTL
Clock Enable
Clock Signals
×16 Organization
J8
CK
I
SSTL
Clock Signal CK, Complementary Clock Signal CK
K8
CK
I
SSTL
K2
CKE
I
SSTL
Clock Enable
Control Signals
×8 Organization
F7
RAS
I
SSTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write
Enable (WE)
G7
CAS
I
SSTL
F3
WE
I
SSTL
G8
CS
I
SSTL
Chip Select
Control Signals
×16 Organization
K7
RAS
I
SSTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write
Enable (WE)
L7
CAS
I
SSTL
K3
WE
I
SSTL
L8
CS
I
SSTL
Chip Select
G2
BA0
I
SSTL
Bank Address Bus 1:0
G3
BA1
I
SSTL


Similar Part No. - HYB18TC512160BF-3

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G160AF QIMONDA-HYB18TC1G160AF Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
HYB18TC1G160BF-2.5 QIMONDA-HYB18TC1G160BF-2.5 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G160BF-3.7 QIMONDA-HYB18TC1G160BF-3.7 Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
HYB18TC1G160BF-3.7 QIMONDA-HYB18TC1G160BF-3.7 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G160BF-3S QIMONDA-HYB18TC1G160BF-3S Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
More results

Similar Description - HYB18TC512160BF-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com