Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T32000EDL-2.5-B2 Datasheet(PDF) 6 Page - Qimonda AG

Part # HYS64T32000EDL-2.5-B2
Description  200-Pin SO-DIMM DDR2 SDRAM Modules
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T32000EDL-2.5-B2 Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYS64T32000EDL-2.5-B2 Datasheet HTML 2Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 3Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 4Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 5Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 6Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 7Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 8Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 9Page - Qimonda AG HYS64T32000EDL-2.5-B2 Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
HYS64T[32/64/128]xxxEDL–[25F/…/3.7](–)B2
Small Outlined DDR2 SDRAM Modules
Internet Data Sheet
Rev. 1.13, 2007-10
6
08212006-PKYN-2H1B
2
Pin Configurations
2.1
Pin Configurations
The pin configuration of the Small Outline DDR2 SDRAM DIMM is listed by function in Table 5 (200 pins). The abbreviations
used in columns Pin Type and Buffer Type are explained in Table 6 and Table 7 respectively. The Pin numbering is depicted
in Figure 1
TABLE 5
Pin Configuration of SO-DIMM
Pin No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
30
CK0
I
SSTL
Clock Signals 1:0, Complement Clock Signals 1:0
The system clock inputs. All address and command lines
are sampled on the cross point of the rising edge of CK and
the falling edge of CK. A Delay Locked Loop (DLL) circuit is
driven from the clock inputs and output timing for read
operations is synchronized to the input clock.
164
CK1
I
SSTL
32
CK0
ISSTL
166
CK1
ISSTL
79
CKE0
I
SSTL
Clock Enable Rank 1:0
Activates the DDR2 SDRAM CK signal when HIGH and
deactivates the CK signal when LOW. By deactivating the
clocks, CKE LOW initiates the Power Down Mode or the
Self Refresh Mode.
Note: 2 Ranks module
80
CKE1
I
SSTL
NC
NC
Not Connected
Note: 1-rank module
Control Signals
110
S0
ISSTL
Chip Select Rank 1:0
Enables the associated DDR2 SDRAM command decoder
when LOW and disables the command decoder when
HIGH. When the command decoder is disabled, new
commands are ignored but previous operations continue.
Rank 0 is selected by S0; Rank 1 is selected by S1. Ranks
are also called "Physical banks".2 Ranks module
115
S1
ISSTL
NC
NC
Not Connected
Note: 1-rank module
108
RAS
ISSTL
Row Address Strobe
When sampled at the cross point of the rising edge of CK,
and falling edge of CK, RAS, CAS and WE define the
operation to be executed by the SDRAM.
113
CAS
ISSTL
Column Address Strobe


Similar Part No. - HYS64T32000EDL-2.5-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32000EDL-2.5-B2 QIMONDA-HYS64T32000EDL-2.5-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T32000EDL-2.5-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com