Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T32X00HDL Datasheet(PDF) 9 Page - Qimonda AG

Part # HYS64T32X00HDL
Description  200 Pin Small-Outlined DDR2 SDRAMs Modules
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T32X00HDL Datasheet(HTML) 9 Page - Qimonda AG

Back Button HYS64T32X00HDL Datasheet HTML 5Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 6Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 7Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 8Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 9Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 10Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 11Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 12Page - Qimonda AG HYS64T32X00HDL Datasheet HTML 13Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Internet Data Sheet
Rev. 1.1, 2006-10
9
03292006-5LTN-QML0
HYS64T[32/64/128]xxxHDL-[25F/2.5/3/3S/3.7/5]-B
SO-DIMM DDR2 SDRAM Module
158
DQ52
I/O
SSTL
Data Bus 63:0
160
DQ53
I/O
SSTL
174
DQ54
I/O
SSTL
176
DQ55
I/O
SSTL
179
DQ56
I/O
SSTL
181
DQ57
I/O
SSTL
189
DQ58
I/O
SSTL
191
DQ59
I/O
SSTL
180
DQ60
I/O
SSTL
182
DQ61
I/O
SSTL
192
DQ62
I/O
SSTL
194
DQ63
I/O
SSTL
Data Strobe Signals
13
DQS0
I/O
SSTL
Data Strobe Bus 7:0
11
DQS0
I/O
SSTL
31
DQS1
I/O
SSTL
29
DQS1
I/O
SSTL
51
DQS2
I/O
SSTL
49
DQS2
I/O
SSTL
70
DQS3
I/O
SSTL
68
DQS3
I/O
SSTL
131
DQS4
I/O
SSTL
129
DQS4
I/O
SSTL
148
DQS5
I/O
SSTL
146
DQS5
I/O
SSTL
169
DQS6
I/O
SSTL
167
DQS6
I/O
SSTL
188
DQS7
I/O
SSTL
186
DQS7
I/O
SSTL
Data Mask Signals
10
DM0
I
SSTL
Data Mask Bus 7:0
26
DM1
I
SSTL
52
DM2
I
SSTL
67
DM3
I
SSTL
130
DM4
I
SSTL
147
DM5
I
SSTL
170
DM6
I
SSTL
185
DM7
I
SSTL
Ball No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T32X00HDL

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00HDL QIMONDA-HYS64T32X00HDL_07 Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
More results

Similar Description - HYS64T32X00HDL

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00HDL QIMONDA-HYS64T32X00HDL_07 Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T128020EDL QIMONDA-HYS64T128020EDL Datasheet
2Mb / 43P
   200-Pin Small-Outlined DDR2 SDRAM Modules
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com