Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM20014IBB Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM20014IBB
Description  1/3??Color VGA Digital Image Sensor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM20014IBB Datasheet(HTML) 3 Page - Motorola, Inc

  MCM20014IBB Datasheet HTML 1Page - Motorola, Inc MCM20014IBB Datasheet HTML 2Page - Motorola, Inc MCM20014IBB Datasheet HTML 3Page - Motorola, Inc MCM20014IBB Datasheet HTML 4Page - Motorola, Inc MCM20014IBB Datasheet HTML 5Page - Motorola, Inc MCM20014IBB Datasheet HTML 6Page - Motorola, Inc MCM20014IBB Datasheet HTML 7Page - Motorola, Inc MCM20014IBB Datasheet HTML 8Page - Motorola, Inc MCM20014IBB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MCM20014
MOTOROLA
3
Figure 2. MCM20014 Detailed Block Diagram
10 Bit
RSD
Pipelined
Bandgap
Reference
and
Bias
Generation
I2C
Serial
10
2.0X
6.0dB
SCLK
25
Vrefm
6
6
AVSS2
17
AVDD2
16
Vrefp
Ibias
Vcm
EXT_VINS 14
CLRCA
20
CLRCB
21
BLANK
10
CVREFM 18
CVREFP 19
CVBG
nc
Analog
Switch
Post ADC
Processing
(Bad Pixel,
Companding.)
Test
Monitor
Logic
ADC6
1
ADC7
48
ADC4
3
ADC5
2
ADC2
5
ADC3
4
ADC0
7
ADC1
6
CVBG2
nc
CVBG1
nc
AVDD1
22
AVSS1
23
EXTRES
13
AVSS3
nc
DOV
STDBY
27
TS
29
Color
Sequencer
ADC8
47
ADC9
46
Line
Rate
Clamp
MCLK
24
DVSS
11
42
12
I2C Register Decode
704
1X-
8X
DPGA
1
0
Single Stage
Column
Offset
Calibration
TST_VOU
15
10
6
6
6
6
6
TEST_IN_0
41
TEST_IN_1
40
TEST_IN_2
39
TEST_IN_3
38
TEST_IN_4
37
TEST_IN_5
36
TEST_IN_6
35
TEST_IN_7
34
TEST_IN_8
33
TEST_IN_9
32
DVDD1
31
INIT
28
SYNC
30
SDATA
26
9
8
CVBG
nc
1.0 - 8.9x
VCLK
44
HCLK
43
SOF
45
IMOSTM Pixel Array
1
2
512
12
704
704
Column Decode, Sensing and Muxing
Column
Sequencer
and Drivers
640
480
512
DVGA CMOS Imager
640
480
4Dark + 8Dummy
12Dark + 8Dummy
Sensor Array
Analog Circuits
Digital Logic
0 to 19 dB
DOV
1.0X
6.0dB
1X-
8X
DPGA
Single Stage
0.9 - 4.8x
-0.8 to 13.6 dB
6


Similar Part No. - MCM20014IBB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results

Similar Description - MCM20014IBB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com