Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM20014IBMN Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM20014IBMN
Description  1/3??Color VGA Digital Image Sensor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM20014IBMN Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM20014IBMN Datasheet HTML 4Page - Motorola, Inc MCM20014IBMN Datasheet HTML 5Page - Motorola, Inc MCM20014IBMN Datasheet HTML 6Page - Motorola, Inc MCM20014IBMN Datasheet HTML 7Page - Motorola, Inc MCM20014IBMN Datasheet HTML 8Page - Motorola, Inc MCM20014IBMN Datasheet HTML 9Page - Motorola, Inc MCM20014IBMN Datasheet HTML 10Page - Motorola, Inc MCM20014IBMN Datasheet HTML 11Page - Motorola, Inc MCM20014IBMN Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MOTOROLA
MCM20014
8
The Integration Time for CFCM is defined by a combi-
nation of the width of the virtual frame and the integra-
tion time register, (Table 38 on page 38 and Table 39 on
page 39); and can be expressed as:
Integration Time = (cintd + 1) * Trow
where cintd is the number of virtual frame row times de-
sired for integration time. Therefore, the integration time
in CFCM mode can be adjusted in steps of virtual frame
row times. This equation for Integration Time is valid
only for Trow > Tlim. For virtual frames where Trow < Tlim,
the integration time is different for the first cintd rows
and is defined as:
Integration Timecintdrows = Tfc + (cintd * Trow)
By using the default values in the Virtual Frame defini-
tion and Integration Time registers, an 00h loaded into
the Internal Timing Control Register, and assuming a
standard video square pixel clock rate of 13.5Mhz, we
can calculate the frame rate and integration time as:
Row Time = (749 + 16 + 16 + 19) / 13.5e6 = 59.26
µs
Frame Time = (524 + 1) * 59.26
µs = 31.11ms which re-
sults in a Frame Rate of 32.21 frames per second.
Integration Time = (524 + 1) * 59.26
µs = 31.26ms.
2.1.8 SFCM Integration Time Control
The Integration Time for the SFCM is defined by the in-
tegration time register (Table 37 on page 38 through Ta-
ble 39 on page 39) and can be expressed as:
Integration Time = sintd * 16 * MCLKperiod
where sintd is a number. Therefore, the user can adjust
integration time in steps of 16 MCLK periods.
2.2 Analog Signal Processing Chain Overview
The MCM20014’s analog signal processing (ASP)
chain incorporates Correlated Double Sampling (CDS),
Frame Rate Clamp (FRC), two Digitally Programmable
Gain Amplifiers (DPGA), Offset Correction (DOVA), and
a 10-bit Analog to Digital Converter (ADC).
2.2.1 Correlated Double Sampling (CDS)
The uncertainty associated with the reset action of a ca-
pacitive node results in a reset noise which is equal to
kTC; C being the capacitance of the node, T the temper-
ature and k the Boltzmann constant. A common way of
eliminating this noise source in all image sensors is to
use Correlated Double Sampling. The output signal is
sampled twice, once for its reset (reference) level and
once for the actual video signal. These values are sam-
pled and held while a difference amplifier subtracts the
reference level from the signal output. Double sampling
of the signal eliminates correlated noise sources.
Figure 9. Conceptual block diagram of CDS
implementation.
2.2.2 Frame Rate Clamp (FRC)
The FRC (Figure 10) is designed to provide a feed for-
ward dark level subtract reference level measurement.
In the automatic FRC mode, the optical black level ref-
erence is re-established each time the image sensor
begins a new frame. The MCM20014 uses optical black
(dark) pixels to aid in establishing this reference.
Figure 10. FRC Conceptual Block Diagram
On the MCM20014, dark pixel input signals should be
sampled for a minimum of 137
µs to allow the two 0.1µF
capacitors at the CLRCA and CLRCB pins sufficient
time to charge for 10-bit accuracy. This guarantees that
the FRC’s “droop” will be maintained at <750
µV, thus
assuring the specified ADC 10-bit accuracy at +0.5
LSB. Therefore, at maximum operational frequency
(13.5 MHz), the imager would require 6 frames to estab-
lish the dark pixel reference for subsequent active pixel
processing. The dark pixel sample period is automati-
cally controlled internally and it is set to skip the first 2
dark rows and then sample the next dark row. When
AMP
S/H1
S/H2
CDSP1
CDSP2
AVIN
V+
V-
+
-
V+
BUF
1X
FRC
Vcm
CLRCA
CapLRCA
0.1
µf
LRCLMP
LRCLMP
+
-
BUF
1X
CLRCB
CapLRCB
0.1
µf
LRCLMP
LRCLMP
Previous
+
-
Diff
Amp
V-
Vcm
LRCLMP
Vcm
LRCLMP
Stage


Similar Part No. - MCM20014IBMN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results

Similar Description - MCM20014IBMN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com