Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25DC128160CE-6 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYB25DC128160CE-6
Description  128-Mbit Double-Data-Rate SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25DC128160CE-6 Datasheet(HTML) 4 Page - Qimonda AG

  HYB25DC128160CE-6 Datasheet HTML 1Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 2Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 3Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 4Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 5Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 6Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 7Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 8Page - Qimonda AG HYB25DC128160CE-6 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Internet Data Sheet
Rev. 1.1, 2007-01
4
03062006-JXUK-E7R1
HYB25DC128[800/160]C[E/F]
128-Mbit Double-Data-Rate SDRAM
A bidirectional data strobe (DQS) is transmitted externally, along with data, for use in data capture at the receiver. DQS is a
strobe transmitted by the during Reads and by the memory controller during Writes. DQS is edge-aligned with data for Reads
and center-aligned with data for Writes.
The 128-Mbit Double-Data-Rate SDRAM operates from a differential clock (CK and CK; the crossing of CK going HIGH and
CK going LOW is referred to as the positive edge of CK). Commands (address and control signals) are registered at every
positive edge of CK. Input data is registered on both edges of DQS, and output data is referenced to both edges of DQS, as
well as to both edges of CK.
Read and write accesses to the DDR SDRAM are burst oriented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence. Accesses begin with the registration of an Active command,
which is then followed by a Read or Write command. The address bits registered coincident with the Active command are used
to select the bank and row to be accessed. The address bits registered coincident with the Read or Write command are used
to select the bank and the starting column location for the burst access.
The DDR SDRAM provides for programmable Read or Write burst lengths of 2, 4 or 8 locations. An Auto Precharge function
may be enabled to provide a self-timed row precharge that is initiated at the end of the burst access.
As with standard SDRAMs, the pipelined, multibank architecture of DDR SDRAMs allows for concurrent operation, thereby
providing high effective bandwidth by hiding row precharge and activation time.
An auto refresh mode is provided along with a power-saving power-down mode. All inputs are compatible with the Industry
Standard for SSTL_2. All outputs are SSTL_2, Class II compatible.
Note: The functionality described and the timing specifications included in this data sheet are for the DLL Enabled mode of
operation.
TABLE 2
Order Information for RoHS Compliant Products
Part Number1)
1) HYB: designator for memory components
25DC: s at
V
DDQ = 2.5 V
128: 128-Mbit density
800/160: Product variations
×8 and ×16
C: Die revision C
F/E: Package type TSOP and FBGA
L: Low power version (available on request) - these components are specifically selected for low
I
DD6 Self Refresh currents
-5, - 6: speed grade
Org. CAS-RCD-RP
Latencies
Clock
(MHz)
CAS-RCD-RP
Latencies
Clock
(MHz)
Speed
Package
Note
HYB25DC128800CE-5
×8
3-3-3
200
2.5-3-3
166
DDR400B PG-TSOPII-66 2)
2) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
HYB25DC128160CE-5
×16
HYB25DC128160CF-5
×16
PG-TFBGA-60
HYB25DC128800CE–6
×8
2.5-3-3
166
2-3-3
133
DDR333B PG-TSOPII-66
HYB25DC128160CE–6
×16
HYB25DC128800CF–6
×8
PG-TFBGA-60
HYB25DC128160CF–6
×16


Similar Part No. - HYB25DC128160CE-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25DC256163CE-4 QIMONDA-HYB25DC256163CE-4 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
HYB25DC256163CE-5 QIMONDA-HYB25DC256163CE-5 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
HYB25DC256163CE-6 QIMONDA-HYB25DC256163CE-6 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
HYB25DC512160BE-5 QIMONDA-HYB25DC512160BE-5 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512160BE-6 QIMONDA-HYB25DC512160BE-6 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25DC128160CE-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128160CT INFINEON-HYB25D128160CT Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128400AT INFINEON-HYB25D128400AT Datasheet
2Mb / 79P
   128 Mbit Double Data Rate SDRAM
Rev. 1.06, Jan. 2003
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com