Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4674A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4674A
Description  Filterless 2.5W Stereo Class D Audio Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4674A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4674A Datasheet HTML 2Page - National Semiconductor (TI) LM4674A Datasheet HTML 3Page - National Semiconductor (TI) LM4674A Datasheet HTML 4Page - National Semiconductor (TI) LM4674A Datasheet HTML 5Page - National Semiconductor (TI) LM4674A Datasheet HTML 6Page - National Semiconductor (TI) LM4674A Datasheet HTML 7Page - National Semiconductor (TI) LM4674A Datasheet HTML 8Page - National Semiconductor (TI) LM4674A Datasheet HTML 9Page - National Semiconductor (TI) LM4674A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
2.
C
I
Input AC coupling capacitor which blocks the DC voltage at the amplifier’s input terminals.
www.national.com
6


Similar Part No. - LM4674A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4674A TI-LM4674A Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674ATL/NOPB TI-LM4674ATL/NOPB Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674ATLX/NOPB TI-LM4674ATLX/NOPB Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results

Similar Description - LM4674A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
[Old version datasheet]   LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com