Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D512160CE-6 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYB25D512160CE-6
Description  DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25D512160CE-6 Datasheet(HTML) 4 Page - Qimonda AG

  HYB25D512160CE-6 Datasheet HTML 1Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 2Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 3Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 4Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 5Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 6Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 7Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 8Page - Qimonda AG HYB25D512160CE-6 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Internet Data Sheet
Rev. 1.31, 2006-09
4
03292006-3TFJ-HNV3
HYB25D512[400/160/800]C[E/T/F/C](L)
512-Mbit Double-Data-Rate SDRAM
1.2
Description
The 512-Mbit Double-Data-Rate SDRAM is a high-speed
CMOS,
dynamic
random-access
memory
containing
536,870,912 bits. It is internally configured as a quad-bank
DRAM.
The 512-Mbit Double-Data-Rate SDRAM uses a double-
data-rate architecture to achieve high-speed operation. The
double data rate architecture is essentially a 2n prefetch
architecture with an interface designed to transfer two data
words per clock cycle at the I/O pins. A single read or write
access
for
the
512-Mbit Double-Data-Rate SDRAM
effectively consists of a single 2n-bit wide, one clock cycle
data transfer at the internal DRAM core and two
corresponding n-bit wide, one-half-clock-cycle data transfers
at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally,
along with data, for use in data capture at the receiver. DQS
is a strobe transmitted by the DDR SDRAM during Reads and
by the memory controller during Writes. DQS is edge-aligned
with data for Reads and center-aligned with data for Writes.
The 512-Mbit Double-Data-Rate SDRAM operates from a
differential clock (CK and CK; the crossing of CK going HIGH
and CK going LOW is referred to as the positive edge of CK).
Commands (address and control signals) are registered at
every positive edge of CK. Input data is registered on both
edges of DQS, and output data is referenced to both edges of
DQS, as well as to both edges of CK.
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an Active
command, which is then followed by a Read or Write
command. The address bits registered coincident with the
Active command are used to select the bank and row to be
accessed. The address bits registered coincident with the
Read or Write command are used to select the bank and the
starting column location for the burst access.
The DDR SDRAM provides for programmable Read or Write
burst lengths of 2, 4 or 8 locations. An Auto Precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst access.
As with standard SDRAMs, the pipelined, multibank
architecture of DDR SDRAMs allows for concurrent
operation, thereby providing high effective bandwidth by
hiding row precharge and activation time.
An auto refresh mode is provided along with a power-saving
power-down mode. All inputs are compatible with the JEDEC
Standard for SSTL_2. All outputs are SSTL_2, Class II
compatible.
Note: The functionality described and the timing
specifications included in this data sheet are for the
DLL Enabled mode of operation.


Similar Part No. - HYB25D512160CE-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512160AT INFINEON-HYB25D512160AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512160AT-6 INFINEON-HYB25D512160AT-6 Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512160AT-7 INFINEON-HYB25D512160AT-7 Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512160BC-5 INFINEON-HYB25D512160BC-5 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Qimonda AG
HYB25D512160BC-5 QIMONDA-HYB25D512160BC-5 Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D512160CE-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M72S-XBX WEDC-W3E16M72S-XBX Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com