Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25DC512160BF-5 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYB25DC512160BF-5
Description  512-Mbit Double-Data-Rate SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25DC512160BF-5 Datasheet(HTML) 4 Page - Qimonda AG

  HYB25DC512160BF-5 Datasheet HTML 1Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 2Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 3Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 4Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 5Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 6Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 7Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 8Page - Qimonda AG HYB25DC512160BF-5 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Internet Data Sheet
Rev. 1.2, 2007-04
4
04112007-FHBX-O8HD
HYB25DC512[80/16]0B[E/F]
Double-Data-Rate SDRAM
1.2
Description
The 512-Mbit Double-Data-Rate SDRAM is a high-speed CMOS, dynamic random-access memory containing 536,870,912 bits.
It is internally configured as a quad-bank DRAM.
The 512-Mbit Double-Data-Rate SDRAM uses a double-data-rate architecture to achieve high-speed operation. The double
data rate architecture is essentially a 2n prefetch architecture with an interface designed to transfer two data words per clock
cycle at the I/O pins. A single read or write access for the 512-Mbit Double-Data-Rate SDRAM effectively consists of a single
2n-bit wide, one clock cycle data transfer at the internal DRAM core and two corresponding n-bit wide, one-half-clock-cycle
data transfers at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally, along with data, for use in data capture at the receiver. DQS is a
strobe transmitted by the DDR SDRAM during Reads and by the memory controller during Writes. DQS is edge-aligned with
data for Reads and center-aligned with data for Writes.
The 512-Mbit Double-Data-Rate SDRAM operates from a differential clock (CK and CK; the crossing of CK going HIGH and
CK going LOW is referred to as the positive edge of CK). Commands (address and control signals) are registered at every
positive edge of CK. Input data is registered on both edges of DQS, and output data is referenced to both edges of DQS, as
well as to both edges of CK.
Read and write accesses to the DDR SDRAM are burst oriented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence. Accesses begin with the registration of an Active command,
which is then followed by a Read or Write command. The address bits registered coincident with the Active command are used
to select the bank and row to be accessed. The address bits registered coincident with the Read or Write command are used
to select the bank and the starting column location for the burst access.
The DDR SDRAM provides for programmable Read or Write burst lengths of 2, 4 or 8 locations. An Auto Precharge function
may be enabled to provide a self-timed row precharge that is initiated at the end of the burst access. As with standard SDRAMs,
the pipelined, multibank architecture of DDR SDRAMs allows for concurrent operation, thereby providing high effective
bandwidth by hiding row precharge and activation time.
An auto refresh mode is provided along with a power-saving power-down mode. All inputs are compatible with the Industry
Standard for SSTL_2. All outputs are SSTL_2, Class II compatible.
Note: The functionality described and the timing specifications included in this data sheet are for the DLL Enabled mode of
operation.


Similar Part No. - HYB25DC512160BF-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25DC512160CE-5 QIMONDA-HYB25DC512160CE-5 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512160CE-6 QIMONDA-HYB25DC512160CE-6 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512160CF-5 QIMONDA-HYB25DC512160CF-5 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512160CF-6 QIMONDA-HYB25DC512160CF-6 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25DC512160BF-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com