Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D512160CE-5 Datasheet(PDF) 10 Page - Qimonda AG

Part # HYB25D512160CE-5
Description  DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25D512160CE-5 Datasheet(HTML) 10 Page - Qimonda AG

Back Button HYB25D512160CE-5 Datasheet HTML 6Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 7Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 8Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 9Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 10Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 11Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 12Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 13Page - Qimonda AG HYB25D512160CE-5 Datasheet HTML 14Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Internet Data Sheet
Rev. 1.31, 2006-09
10
03292006-3TFJ-HNV3
HYB25D512[400/160/800]C[E/T/F/C](L)
512-Mbit Double-Data-Rate SDRAM
TABLE 5
Abbreviations for Pin Type
B9, 4
NC
NC
Not Connected
Note:
×8 and ×4 organization
C1, 60
NC
NC
Not Connected
Note:
×8 and ×4 organization
C3, 59
NC
NC
Not Connected
Note:
×4 organization
C7, 8
NC
NC
Not Connected
Note:
×4 organization
C9, 7
NC
NC
Not Connected
Note:
×8 and ×4 organization
D1, 57
NC
NC
Not Connected
Note:
×8 and ×4 organization
D9, 10
NC
NC
Not Connected
Note:
×8 and ×4 organization
E1, 54
NC
NC
Not Connected
Note:
×8 and ×4 organization
E7, 16
NC
NC
Not Connected
Note:
×8 and ×4 organization
E9, 13
NC
NC
Not Connected
Note:
×8 and ×4 organization
F7, 20
NC
NC
Not Connected
Note:
×8 and ×4 organization
14, 17, 19, 25,
43, 50
NC
NC
Not Connected
×16,×8 and ×4 organization
Abbreviation
Description
I
Standard input-only pin. Digital levels.
O
Output. Digital levels.
I/O
I/O is a bidirectional input/output signal.
AI
Input. Analog levels.
PWR
Power
GND
Ground
NC
Not Connected (JEDEC Standard)
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYB25D512160CE-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512160AT INFINEON-HYB25D512160AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512160AT-6 INFINEON-HYB25D512160AT-6 Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512160AT-7 INFINEON-HYB25D512160AT-7 Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512160BC-5 INFINEON-HYB25D512160BC-5 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Qimonda AG
HYB25D512160BC-5 QIMONDA-HYB25D512160BC-5 Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D512160CE-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M72S-XBX WEDC-W3E16M72S-XBX Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com