Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR12N25DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR12N25DPBF
Description  HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR12N25DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR12N25DPBF Datasheet HTML 2Page - International Rectifier IRFR12N25DPBF Datasheet HTML 3Page - International Rectifier IRFR12N25DPBF Datasheet HTML 4Page - International Rectifier IRFR12N25DPBF Datasheet HTML 5Page - International Rectifier IRFR12N25DPBF Datasheet HTML 6Page - International Rectifier IRFR12N25DPBF Datasheet HTML 7Page - International Rectifier IRFR12N25DPBF Datasheet HTML 8Page - International Rectifier IRFR12N25DPBF Datasheet HTML 9Page - International Rectifier IRFR12N25DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
IRFR/U12N25DPbF
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
110
220
330
440
550
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
3.4A
5.9A
8.4A


Similar Part No. - IRFR12N25DPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR12N25DPBF KERSEMI-IRFR12N25DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR12N25DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644N IRF-IRF644N Datasheet
123Kb / 11P
   Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFD224PBF IRF-IRFD224PBF Datasheet
918Kb / 8P
   HEXFET POWER MOSFET (VDSS = 250V , RDS(on) = 1.1廓 , ID = 0.63A)
IRFR9214PBF IRF-IRFR9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com