Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25DC512800C Datasheet(PDF) 7 Page - Qimonda AG

Part # HYB25DC512800C
Description  512-Mbit Double-Data-Rate SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25DC512800C Datasheet(HTML) 7 Page - Qimonda AG

Back Button HYB25DC512800C Datasheet HTML 3Page - Qimonda AG HYB25DC512800C Datasheet HTML 4Page - Qimonda AG HYB25DC512800C Datasheet HTML 5Page - Qimonda AG HYB25DC512800C Datasheet HTML 6Page - Qimonda AG HYB25DC512800C Datasheet HTML 7Page - Qimonda AG HYB25DC512800C Datasheet HTML 8Page - Qimonda AG HYB25DC512800C Datasheet HTML 9Page - Qimonda AG HYB25DC512800C Datasheet HTML 10Page - Qimonda AG HYB25DC512800C Datasheet HTML 11Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Internet Data Sheet
Rev. 1.3, 2006-12
7
03292006-W2FE-ELDX
HYB25DC512[800/160]C[E/F]
512-Mbit Double-Data-Rate SDRAM
A9, B2, C8, D2,
E8, 3, 9, 15, 55,
61
VDDQ
PWR
I/O Driver Power Supply
A7, F8, M7, 1,
18, 33
VDD
PWR
Power Supply
A1, B8, C2, D8,
E2, 6, 12, 52,
58, 64
VSSQ
PWR
Power Supply
A3, F2, M3, 34 VSS
PWR
Power Supply
Not Connected
A2, 65
NC
NC
Not Connected
Note:
×4 organization
A8, 2
NC
NC
Not Connected
Note:
×4 organization
B1, 63
NC
NC
Not Connected
Note:
×8 and ×4 organisation
B9, 4
NC
NC
Not Connected
Note:
×8 and ×4 organization
C1, 60
NC
NC
Not Connected
Note:
×8 and ×4 organization
C3, 59
NC
NC
Not Connected
Note:
×4 organization
C7, 8
NC
NC
Not Connected
Note:
×4 organization
C9, 7
NC
NC
Not Connected
Note:
×8 and ×4 organization
D1, 57
NC
NC
Not Connected
Note:
×8 and ×4 organization
D9, 10
NC
NC
Not Connected
Note:
×8 and ×4 organization
E1, 54
NC
NC
Not Connected
Note:
×8 and ×4 organization
E7, 16
NC
NC
Not Connected
Note:
×8 and ×4 organization
E9, 13
NC
NC
Not Connected
Note:
×8 and ×4 organization
F7, 20
NC
NC
Not Connected
Note:
×8 and ×4 organization
14, 17, 19, 25,
43, 50
NC
NC
Not Connected
Note: x16,
×8 and ×4 organization
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYB25DC512800C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800BE-5 QIMONDA-HYB25DC512800BE-5 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800BE-6 QIMONDA-HYB25DC512800BE-6 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800BEL-6 QIMONDA-HYB25DC512800BEL-6 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800BF-5 QIMONDA-HYB25DC512800BF-5 Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25DC512800C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com