Part Name
         Description
DN86

 Reduced component count and compact reference design for MR16 replacement lamps using multiple 1W LEDs ( 8 Page)


ZETEX
100% 
Zoom Out Zoom In
   
 4 page
background image
DN86
© Zetex Semiconductors plc 2007
Circuit board views
Top Layer
Bottom Layer
Figure 4 Circuit board views
Choice of Inductor and switching circuit layout
A 100 µH screened inductor was chosen to set the nominal frequency around 250kHz. A screened
inductor is chosen to minimize radiated EMI. The layout with any switching regulator is crucial to
minimize radiated EMI. This reference design keeps the critical track lengths to a minimum.
Ground areas have been maximized around critical areas.
Circuit performances
Circuit performances have been evaluated taking into account two main parameters, the system
efficiency and the current precision.
The reference current is set to a nominal 300mA but can be adjusted to any value up to 350mA
by changing the sense resistor Rsense according to the formula:
Iref = 0.1/R1
[A]
For
R1 = 0.33
Iref = 300mA
In Table 2 the data related to the system supplied with a DC voltage ranges from 12V to 15V. For
these tests the Schottky bridge was included. The most important parameters are the system
efficiency and the error between the rated LED current (300mA) and the actual LED current. In the
DC case the frequency ranges between 150kHz and 300kHz, depending on the input voltage.
Whatever the input voltage, the efficiency is higher than 87% and the error lower than 2%.
Table 3 shows the data related to the system supplied with an AC electromagnetic transformer.
Using a SMD tantalum capacitor will save space and avoid using a larger aluminum electrolytic
capacitor. This will improve the reliability of the system and stabilize performance during its
lifetime. There is a trade off between physical size, reliability, cost and average LED current.
Typical output voltages from a nominal 12V AC transformer can be ±10%. With 3 LEDs the voltage
across these will be around 10V. If the input capacitor value is lower then 200µF, the AC input
waveform is distorted (as can be seen in figure 8). When the rectified AC is not sufficiently
Vin [V]
Iin[A]
Vout[V]
Iout[A]
Efficiency
Current
Accuracy
12.000
0.275
9.80
0.296
87,9%
1.3%
13.000
0.252
9.78
0.294
87.7%
2.0%
14.000
0.232
9.76
0.294
87.6%
2.0%
15.000
0.220
9.75
0.294
87.4%
2.0%
Table 2 DC input voltage
MR16 Pins
- Anode
LED connections
+ Cathode



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RDR-83Reference Design Report for 1.6 W Linear Replacement Adapter with 10 kV surge withstand 1 2 3 4 5 MorePower Integrations, Inc.
RDR-131Reference Design Report for 3 W Non- Isolated Constant Current LED Driver Using LNK306DN 1 2 3 4 5 MorePower Integrations, Inc.
NCP1654Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre−Converters 1 2 3 4 5 MoreON Semiconductor
AN4105Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch FPS in a Flyback Converter 1 2 3 4 5 MoreFairchild Semiconductor
MSA-RM-1Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes 1 List of Unclassifed Manufacturers
TPS65165Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels 1 2 3 4 5 MoreTexas Instruments
2812018Basic terminal block with screw connection for component and fuse connectors cross section: 0.2 - 4 mm² AWG: 28 - 12 width: 6.2 mm color: gray 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FAN7710Ballast Control IC for Compact Fluorescent Lamps 1 2 3 4 5 MoreFairchild Semiconductor
EPR-29Engineering Prototype Report for EP-29 - Multiple Output 11 W 15.5 W peak AC-DC Power Supply using TNY268P 1 2 3 4 5 MorePower Integrations, Inc.
TND301Clock Management Design Using Low Skew and Low Jitter Devices 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl