Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D128160C Datasheet(PDF) 5 Page - Qimonda AG

Part # HYB25D128160C
Description  128-Mbit Double-Data-Rate SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25D128160C Datasheet(HTML) 5 Page - Qimonda AG

  HYB25D128160C Datasheet HTML 1Page - Qimonda AG HYB25D128160C Datasheet HTML 2Page - Qimonda AG HYB25D128160C Datasheet HTML 3Page - Qimonda AG HYB25D128160C Datasheet HTML 4Page - Qimonda AG HYB25D128160C Datasheet HTML 5Page - Qimonda AG HYB25D128160C Datasheet HTML 6Page - Qimonda AG HYB25D128160C Datasheet HTML 7Page - Qimonda AG HYB25D128160C Datasheet HTML 8Page - Qimonda AG HYB25D128160C Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Internet Data Sheet
Rev. 1.6, 2007-02
5
03292006-U5AN-6TI1
HYB25D128xxxC[C/E/F/T](L)
128-Mbit Double-Data-Rate SDRAM
TABLE 2
Ordering Informationfor non RoHS Compliant Products
TABLE 3
Order Information for RoHS Compliant Products
Part Number1)
Org.
CAS-RCD-
RP Latencies
Clock
(MHz)
CAS-RCD-RP
Latencies
Clock
(MHz)
Speed
Package
Note2)
HYB25D128160CT–5
×16
3-3-3
200
2.5-3-3
166
DDR400B
P-TSOPII-66-2 —
HYB25D128800CT–5
×8
HYB25D128800CT–6
×8
2.5-3-3
166
2-3-3
133
DDR333
HYB25D128160CT–6
×16
HYB25D128400CT–7
×4
143
DDR266A
HYB25D128800CC–5
×8
3-3-3
200
2.5-3-3
166
DDR400B
P-FBGA-60-12 —
HYB25D128400CC–6
×4
2.5-3-3
166
2-3-3
133
DDR333
HYB25D128800CC–6
×8
Part Number1)
1) HYB: designator for memory components 25D: DDR SDRAMs at
V
DDQ = 2.5 V 128: 128-Mbit density 400/800/160: Product variations ×4,
×8 and ×16 C: Die revision C T/E/C: Package type TSOP and FBGA L: Low power version (available on request) - these components are
specifically selected for low
I
DD6 Self Refresh currents -5/6/7/7F/8: speed grade - see Table 2
Org. CAS-RCD-RP
Latencies
Clock
(MHz)
CAS-RCD-RP
Latencies
Clock
(MHz)
Speed
Package
Note2)
2) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
HYB25D128160CE–5
×16
3-3-3
200
2.5-3-3
166
DDR400B PG-TSOPII-66-1 —
HYB25D128800CE–5
×8
HYB25D128800CF–5
PG-FBGA-60-19 —
HYB25D128160CE–6
×16
2.5-3-3
166
2-3-3
133
DDR333
PG-TSOPII-66-1 —
HYB25D128400CE–6
×4
HYB25D128800CE–6
×8
HYB25D128800CF–6
PG-FBGA-60-19 —
HYB25D128400CE–7
×4
143
DDR266A PG-TSOPII-66-1 —
HYB25D128800CE–7
×8


Similar Part No. - HYB25D128160C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D128160CE-5 INFINEON-HYB25D128160CE-5 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128160CE-6 INFINEON-HYB25D128160CE-6 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128160CT INFINEON-HYB25D128160CT Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128160CT-5 INFINEON-HYB25D128160CT-5 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128160CT-6 INFINEON-HYB25D128160CT-6 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
More results

Similar Description - HYB25D128160C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D128160CT INFINEON-HYB25D128160CT Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128400AT INFINEON-HYB25D128400AT Datasheet
2Mb / 79P
   128 Mbit Double Data Rate SDRAM
Rev. 1.06, Jan. 2003
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com