Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5484 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 2N5484
Description  N-Channel JFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5484 Datasheet(HTML) 6 Page - Vishay Siliconix

  2N5484 Datasheet HTML 1Page - Vishay Siliconix 2N5484 Datasheet HTML 2Page - Vishay Siliconix 2N5484 Datasheet HTML 3Page - Vishay Siliconix 2N5484 Datasheet HTML 4Page - Vishay Siliconix 2N5484 Datasheet HTML 5Page - Vishay Siliconix 2N5484 Datasheet HTML 6Page - Vishay Siliconix 2N5484 Datasheet HTML 7Page - Vishay Siliconix 2N5484 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2N/SST5484 Series
Vishay Siliconix
www.vishay.com
6
Document Number: 70246
S-50148—Rev. G, 24-Jan-05
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Common-Source Input Capacitance
vs. Gate-Source Voltage
Common-Source Reverse Feedback
Capacitance vs. Gate-Source Voltage
f = 1 MHz
VDS = 0 V
10 V
VDS = 0 V
10 V
VGS − Gate-Source Voltage (V)
VGS − Gate-Source Voltage (V)
f = 1 MHz
Reverse Admittance
Output Admittance
Input Admittance
Forward Admittance
100
10
1
0.1
100
1000
bis
gis
TA = 25_C
VDS = 15 V
VGS = 0 V
Common Source
100
10
1
0.1
100
1000
TA = 25_C
VDS = 15 V
VGS = 0 V
Common Source
−bfs
gfs
10
1
0.1
0.01
100
1000
TA = 25_C
VDS = 15 V
VGS = 0 V
Common Source
−brs
−grs
10
1
0.1
0.01
100
1000
TA = 25_C
VDS = 15 V
VGS = 0 V
Common Source
bos
gos
f − Frequency (MHz)
f − Frequency (MHz)
f − Frequency (MHz)
f − Frequency (MHz)
5
0
4
3
2
1
0
−20
−4
−8
−12
−16
3
0
2.4
1.8
1.2
0.6
0
−20
−4
−8
−12
−16
200
500
200
500
200
500
200
500


Similar Part No. - 2N5484

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
New Jersey Semi-Conduct...
2N5484 NJSEMI-2N5484 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Central Semiconductor C...
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5484

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com