Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5484 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2N5484
Description  N-Channel JFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5484 Datasheet(HTML) 1 Page - Vishay Siliconix

  2N5484_07 Datasheet HTML 1Page - Vishay Siliconix 2N5484_07 Datasheet HTML 2Page - Vishay Siliconix 2N5484_07 Datasheet HTML 3Page - Vishay Siliconix 2N5484_07 Datasheet HTML 4Page - Vishay Siliconix 2N5484_07 Datasheet HTML 5Page - Vishay Siliconix 2N5484_07 Datasheet HTML 6Page - Vishay Siliconix 2N5484_07 Datasheet HTML 7Page - Vishay Siliconix 2N5484_07 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2N/SST5484 Series
Vishay Siliconix
Document Number: 70246
S-50148—Rev. G, 24-Jan-05
www.vishay.com
1
N-Channel JFETs
2N5484
SST5484
2N5485
SST5485
2N5486
SST5486
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS) IDSS Min (mA)
2N/SST5484
−0.3 to −3
−25
3
1
2N/SST5485
−0.5 to −4
−25
3.5
4
2N/SST5486
−2 to −6
−25
4
8
FEATURES
BENEFITS
APPLICATIONS
D Excellent High-Frequency Gain:
Gps 13 dB (typ) @ 400 MHz − 5485/6
D Very Low Noise: 2.5 dB (typ) @
400 MHz − 5485/6
D Very Low Distortion
D High AC/DC Switch Off-Isolation
D Wideband High Gain
D Very High System Sensitivity
D High Quality of Amplification
D High-Speed Switching Capability
D High Low-Level Signal Amplification
D High-Frequency Amplifier/Mixer
D Oscillator
D Sample-and-Hold
D Very Low Capacitance Switches
DESCRIPTION
The 2N/SST5484 series consists of n-channel JFETs
designed
to provide high-performance amplification,
especially at high frequencies up to and beyond 400 MHz.
The 2N series, TO-226AA (TO-92), and SST series, TO-236
(SOT-23), packages provide low-cost options and are
available with tape-and-reel to support automated assembly
(see Packaging Information).
D
S
G
TO-236
(SOT-23
)
2
3
1
Top View
SST5484 (H4)*
SST5485 (H5)*
SST5486 (H6)*
*Marking Code for TO-236
D
S
G
TO-226AA
(TO-92)
Top View
2N5484
2N5485
2N5486
1
2
3
For applications information see AN102 and AN105.


Similar Part No. - 2N5484_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484_00 Datasheet
518Kb / 14P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5484_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com