Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27000 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27000
Description  SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27000 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27000 Datasheet HTML 1Page - Texas Instruments BQ27000 Datasheet HTML 2Page - Texas Instruments BQ27000 Datasheet HTML 3Page - Texas Instruments BQ27000 Datasheet HTML 4Page - Texas Instruments BQ27000 Datasheet HTML 5Page - Texas Instruments BQ27000 Datasheet HTML 6Page - Texas Instruments BQ27000 Datasheet HTML 7Page - Texas Instruments BQ27000 Datasheet HTML 8Page - Texas Instruments BQ27000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq27000, bq27200
SLUS556D – SEPTEMBER 2004 – REVISED MARCH 2006
MIN
MAX
UNIT
VCC
Supply voltage
2.6
4.5
V
TA
Operating free-air temperature
–20
70
°C
Input voltage, SRP and SRN with respect to VSS
–100
100
mV
over operating free-air temperature range and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ICC(VCC)
Active current
52
90
ICC(SLP)
Sleep current
1.0
2.5
µA
ICC(SHP)
Ship current (bq27000 only)
0.9
2.0
ICC(POR)
Hibernate current
0 < VCC < 1.5 V
0.6
1.5
RBI pin only, VCC <
RBI current
< 1
20
nA
VCC(POR)
V(POR)
POR threshold
2.0
2.6
V
Input impedance
BAT, SRN, SRP
10
M
Pull-down current
HDQ, SCL, SDA
2.7
4.5
µA
HDQ, SCL, SDA and GPIO
VCC < 4.2 V
1.5
VIH
High-level input voltage
VCC > 4.2 V
1.7
VIL
Low-level input voltage
0.7
V
Low-level output voltage (GPIO)
IOL = 1 mA
0.4
VOL
Low-level output voltage (HDQ, SCL, SDA)
IOL = 2 mA
0.4
VOLTAGE AND TEMPERATURE MEASUREMENT
Measurement range
VCC = V(BAT)
2.6
4.5
V
Reported voltage resolution
2.7
mV
Reported accuacy
-25
25
Voltage update time
2.56
s
Reported temperature resolution
0.25
°K
Reported temperature accuracy
-3
3
Temperature update time
2.56
s
VSRP-VSRN differential input
–100
100
mV
TIME, CURRENT AND CAPACITY (3.0 V
≤ V
CC≤ 4.2 V, 0°C ≤ TA≤ 50°C)
fOSC
Internal oscillator frequency
-2.2%
1.5%
Current gain variability
-0.5%
0.5%
Coulometric gain variability
-1.7%
0.5%
Coulomb counter input offset(1)
-15
0
15
µV
EEPROM PROGRAMMING ( VCC≥ 3.0 V, -20°C ≤ TA≤ 35°C)(2)
Programming voltage rise time
0.5
1.5
ms
Programming voltage high time
10
100
ms
Programming voltage fall time
0.5
1.5
ms
Programming voltage
Applied to PGM pin
20
22
V
EEPROM programming current
VPROGRAM = 21 V
15
mA
(1)
Excludes contributions to the offset due to PCB layout or other factors external to the bq27000/bq27200.
(2)
Maximum number of programming cycles on the EEPROM is 10 and data retention time is 10 years at TA = 85°C.
3
Submit Documentation Feedback


Similar Part No. - BQ27000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27000DRKR TI-BQ27000DRKR Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000DRKR TI-BQ27000DRKR Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
bq27000DRKR TI1-bq27000DRKR Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com