Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27000 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ27000
Description  SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27000 Datasheet(HTML) 2 Page - Texas Instruments

  BQ27000_07 Datasheet HTML 1Page - Texas Instruments BQ27000_07 Datasheet HTML 2Page - Texas Instruments BQ27000_07 Datasheet HTML 3Page - Texas Instruments BQ27000_07 Datasheet HTML 4Page - Texas Instruments BQ27000_07 Datasheet HTML 5Page - Texas Instruments BQ27000_07 Datasheet HTML 6Page - Texas Instruments BQ27000_07 Datasheet HTML 7Page - Texas Instruments BQ27000_07 Datasheet HTML 8Page - Texas Instruments BQ27000_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
TYPICAL APPLICATION
UDG−04096
+
PACK−
PACK+
HDQ
ESD Protection
D2
5.6 V
R7
100
R8
100
R1
1 k
C1
0.1
µF
R2
1 k
RS
0.02
R4
10 k
C2
0.1
µF
C3
0.1
µF
C4
0.1
µF
C3
0.1
µF
R3
1 k
Li-Ion Protector
Li-Ion
or
Li-Pol
PGM TP
1
2
3
4
9
8
7
6
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
D/C
bq27000DRK
5
HDQ
10
PGM
11
ABSOLUTE MAXIMUM RATINGS
bq27000, bq27200
SLUS556D – SEPTEMBER 2004 – REVISED MARCH 2006
ORDERING INFORMATION
TA
COMMUNICATION INTERFACE
PACKAGED DEVICES(1)
MARKINGS
HDQ
bq27000DRKR
27000
-20
°C to 70°C
I2C
bq27200DRKR
27200
(1)
The DRK package is available taped and reeled only. Quantities are 2,000 devices per reel.
over operating free-air temperature range (unless otherwise noted)
bq27000
UNITS
bq27200
VCC
Supply voltage
(with respect to VSS)
-0.3 to 7
-0.3 to
SRP, SRN, RBI, BAT (all with respect to VSS)
VCC+0.3
V
HDQ, SCL, SDA, GPIO (all with respect to
VIN
Input voltage
-0.3 to 7
VSS)
PGM (with respect to VSS) during EEPROM
-0.3 to 22
programming
ISINK
Output sink current
GPIO, SCL, SDA, HDQ
5
mA
TA
Operating free-air temperature range
-20 to 70
Tstg
Storage temperature range
-65 to 150
°C
TJ
Operating junction temperature range
-40 to 125
Lead temperature (soldering, 10 sec)
300
2
Submit Documentation Feedback


Similar Part No. - BQ27000_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27000_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com