Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170DT2 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # MC145170DT2
Description  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145170DT2 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  MC145170DT2 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145170DT2 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LANSDALE Semiconductor, Inc.
ML145170
www.lansdale.com
Page 4 of 26
AC INTERFACE CHARACTERISTICS ( TA = –40° to 85°C, CL= 50 pF, Input tr = tr = 10 ns, unless otherwise noted.)
Parameter
Symbol
Figure
No.
VDD
V
Guaranteed
Limit
Unit
Serial Data Clock Frequency (Note: Refer to Clock tw Below)
fclk
1
2.7
4.5
5.5
dc to 3.0
dc to 4.0
MHz
Maximum Propagation Delay, CLK to Dout
tPLH, t
1, 5
2.7
4.5
5.5
150
85
85
ns
Maximum Disable Time, Dout Active to High Impedance
tPLZ, t
2, 6
2.7
4.5
5.5
300
200
200
ns
Access Time, Dout High Impedance to Active
t
PZH
2, 6
2.7
4.5
5.5
0 to 200
0 to 100
0 to 100
ns
out
CL = 50 pF
tTLH, t
1, 5
2.7
4.5
5.5
150
50
50
ns
CL = 200 pF
1, 5
2.7
4.5
5.5
900
150
150
ns
Maximum Input Capacitance – Din, ENB, CLK
Cin
10
pF
Maximum Output Capacitance – Dout
Cout
10
pF
TIMING REQUIREMENTS ( TA = –40° to 85°C, Input tr = t = 10 ns, unless otherwise noted.)
Parameter
Symbol
Figure
No.
VDD
V
Guaranteed
Limit
Unit
in
tsu
3
2.7
4.5
5.5
55
40
40
Minimum Setup, Hold, and Recovery Times, ENB vs CLK
tsu, th, trec
4
2.7
4.5
5.5
135
100
100
ns
Minimum Inactive–High Pulse Width, ENB
tw(H)
4
2.7
4.5
5.5
400
300
300
ns
Minimum Pulse Width, CLK
tw
1
2.7
4.5
5.5
166
125
125
ns
tr, tf
1
2.7
4.5
5.5
100
100
100
µs
dc to 4.0
PHL
PHZ
t
Maximum Output Transition Time, D
Minimum Setup and Hold Times, D
vs CLK
Maximum Input Rise and Fall Times, CLK
f
ns
h
PZL
THL
, t
Issue A


Similar Part No. - MC145170DT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170DT2 MOTOROLA-MC145170DT2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170DT2 FREESCALE-MC145170DT2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170DT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com