Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5172 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME5172
Description  0.85V Single Cell Boost DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5172 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME5172 Datasheet HTML 1Page - Analog Microelectronics AME5172 Datasheet HTML 2Page - Analog Microelectronics AME5172 Datasheet HTML 3Page - Analog Microelectronics AME5172 Datasheet HTML 4Page - Analog Microelectronics AME5172 Datasheet HTML 5Page - Analog Microelectronics AME5172 Datasheet HTML 6Page - Analog Microelectronics AME5172 Datasheet HTML 7Page - Analog Microelectronics AME5172 Datasheet HTML 8Page - Analog Microelectronics AME5172 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AME, Inc.
3
AME5172
0.85V Single Cell Boost
DC-DC Converter
Rev. A.02
AME5172AEEV
1. IN
2. GND
3. EN
4. OUT
5. SW
* Die Attach:
Conductive Epoxy
SOT-25
Top View
n Pin Configuration
n Pin Description
1
3
2
5
4
AME5172
Pin Number
Pin Name
Pin Description
1
IN
Input Supply Pin.
Place bypass capacitor as close to VIN as possible.
2
GND
Ground connection Pin.
3
EN
Enable Control Input Pin. (Active High)
4
OUT
Power Output Pin.
PCB layout from output capacitor should be as short and wide as
possible..
5
SW
This is the switch pin and is connected to the drain of the internal NMOS
power switch. Minimize the metal trace area connected to this pin to
minimize EMI.


Similar Part No. - AME5172

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJY AME-AME5170AEEVADJY Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJZ AME-AME5170AEEVADJZ Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
More results

Similar Description - AME5172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
ACE Technology Co., LTD...
ACE707P ACE-ACE707P Datasheet
898Kb / 10P
   0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
logo
Linear Technology
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
logo
AiT Semiconductor Inc.
A7506 AITSEMI-A7506 Datasheet
872Kb / 12P
   DC-DC CONVERTER BOOST(STEP-UP) VIN AS LOW AS 0.85V MICRO-POWER SYNC
REV2.1
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com