Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T128020EDL-3-C Datasheet(PDF) 6 Page - Qimonda AG

Part # HYS64T128020EDL-3-C
Description  200-Pin SO-DIMM DDR2 SDRAM Modules
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T128020EDL-3-C Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYS64T128020EDL-3-C Datasheet HTML 2Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 3Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 4Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 5Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 6Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 7Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 8Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 9Page - Qimonda AG HYS64T128020EDL-3-C Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Internet Data Sheet
Rev. 1.0, 2007-03
6
11212006-D34H-5W6Z
HYS64T[128/256]020EDL-[25F/2.5/3/3S/3.7]-C
SO-DIMM DDR2 SDRAM Module
2
Pin Configuration
The pin configuration of the Small Outline DDR2 SDRAM DIMM is listed by function in Table 5 (200 pins). The abbreviations
used in columns Pin Type and Buffer Type are explained in Table 6 and Table 7 respectively. The Pin numbering is depicted
in Figure 1.
TABLE 5
Pin Configuration of SO-DIMM
Pin No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
30
CK0
I
SSTL
Clock Signals 2:0, Complement Clock Signals 2:0
164
CK1
I
SSTL
32
CK0
ISSTL
166
CK1
ISSTL
79
CKE0
I
SSTL
Clock Enable Rank 1:0
Note: 2 Ranks module
80
CKE1
I
SSTL
NC
NC
Not Connected
Note: 1-rank module
Control Signals
110
S0
ISSTL
Chip Select Rank 1:0
Note: 2 Ranks module
115
S1
ISSTL
NC
NC
Not Connected
Note: 1-rank module
108
RAS
ISSTL
Row Address Strobe
113
CAS
ISSTL
Column Address Strobe
109
WE
ISSTL
Write Enable
Address Signals
107
BA0
I
SSTL
Bank Address Bus 2:0
106
BA1
I
SSTL
85
BA2
I
SSTL
Bank Address Bus 2
Greater than 512Mb DDR2 SDRAMS
NC
NC
SSTL
Less than 1Gb DDR2 SDRAMS


Similar Part No. - HYS64T128020EDL-3-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T128020EDL-3.7-B QIMONDA-HYS64T128020EDL-3.7-B Datasheet
2Mb / 43P
   200-Pin Small-Outlined DDR2 SDRAM Modules
HYS64T128020EDL-3S-B QIMONDA-HYS64T128020EDL-3S-B Datasheet
2Mb / 43P
   200-Pin Small-Outlined DDR2 SDRAM Modules
More results

Similar Description - HYS64T128020EDL-3-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com