Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC144110P Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # MC144110P
Description  Digital-to-Analog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC144110P Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  MC144110P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lansdale.com
Page 4 of 8
LANSDALE Semiconductor, Inc.
ML144110, ML144111
SWITCHING CHARACTERISTICS
(Voltages referenced to VSS, TA = 0 to 85°C, CL = 50 pF, Input tr = tf = 20 ns unless otherwise indicated)
Symbol
Parameter
VDD
Min
Max
Unit
twH
Positive Pule Width, CLK (Figures 3 and 4)
5
10
15
2
1.5
1
µs
twL
Negative Pulse Width, CLK (Figure 3 and 4)
5
10
15
5
3.5
2
µs
tsu
Setup Time, ENB to CLK (Figures 3 and 4)
5
10
15
5
3.5
2
µs
tsu
Setup Time, Din to CLK (Figures 3 and 4)
5
10
15
1000
750
500
ns
th
Hold Time, CLK to ENB (Figures 3 and 4)
5
10
15
5
3.5
2
µs
th
Hold Time, CLK to Din (Figures 3 and 4)
5
10
15
5
3.5
2
µs
tr, tf
Input Rise and Fall Times
5 – 15
2
µs
Cin
Input Capacitance
5 – 15
7.5
pF
LINEARITY ERROR (integral linearity). A measure of how
straight a device’s transfer function is, it indicates the worst–case
deviation of linearity of the actual transfer function from the best–
fit straight line. It is normally specified in parts of an LSB.
Figure 1. D/A Transfer Function
100
75
50
25
0
0
$00
15
$0F
31
$1F
47
$2F
63
$3F
Vnonl
PROGRAM STEP
Voffset
ACTUAL
IDEAL
Issue A


Similar Part No. - MC144110P

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC144110P FREESCALE-MC144110P Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144110P LANSDALE-MC144110P Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Similar Description - MC144110P

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com