Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T128020EDL-3S-B Datasheet(PDF) 6 Page - Qimonda AG

Part # HYS64T128020EDL-3S-B
Description  200-Pin Small-Outlined DDR2 SDRAM Modules
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T128020EDL-3S-B Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYS64T128020EDL-3S-B Datasheet HTML 2Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 3Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 4Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 5Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 6Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 7Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 8Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 9Page - Qimonda AG HYS64T128020EDL-3S-B Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
HYS64T128020EDL–[2.5/3S/3.7]–B
Small Outlined DDR2 SDRAM Modules
Internet Data Sheet
Rev. 1.12, 2007-10
6
10312006-I253-V1V0
109
WE
ISSTL
Write Enable
Address Signals
107
BA0
I
SSTL
Bank Address Bus 2:0
Selects which DDR2 SDRAM internal bank of four or eight
is activated.
106
BA1
I
SSTL
85
BA2
I
SSTL
Bank Address Bus 2
Greater than 512Mb DDR2 SDRAMS
NC
NC
SSTL
Less than 1Gb DDR2 SDRAMS
102
A0
I
SSTL
Address Bus 12:0
During a Bank Activate command cycle, defines the row
address when sampled at the cross-point of the rising edge
of CK and falling edge of CK. During a Read or Write
command cycle, defines the column address when sampled
at the cross point of the rising edge of CK and falling edge
of CK. In addition to the column address, AP is used to
invoke autoprecharge operation at the end of the burst read
or write cycle. If AP is HIGH, autoprecharge is selected and
BA0-BAn defines the bank to be precharged. If AP is LOW,
autoprecharge is disabled. During a Precharge command
cycle, AP is used in conjunction with BA0-BAn to control
which bank(s) to precharge. If AP is HIGH, all banks will be
precharged regardless of the state of BA0-BAn inputs. If AP
is LOW, then BA0-BAn are used to define which bank to
precharge.
101
A1
I
SSTL
100
A2
I
SSTL
99
A3
I
SSTL
98
A4
I
SSTL
97
A5
I
SSTL
94
A6
I
SSTL
92
A7
I
SSTL
93
A8
I
SSTL
91
A9
I
SSTL
105
A10
I
SSTL
AP
I
SSTL
90
A11
I
SSTL
89
A12
I
SSTL
Address Signal 12
Note: Module based on 256 Mbit or larger dies
116
A13
I
SSTL
Address Signal 13
Note: 1 Gbit based module
NC
NC
Not Connected
Note: Module based on 512 Mbit or smaller dies
86
A14
I
SSTL
Address Signal 14
Note: 2 Gbit based module
NC
NC
Not Connected
Note: Module based on 1 Gbit or smaller dies
Data Signals
5
DQ0
I/O
SSTL
Data Bus 63:0
Note: Data Input / Output pins
7
DQ1
I/O
SSTL
17
DQ2
I/O
SSTL
19
DQ3
I/O
SSTL
4
DQ4
I/O
SSTL
6
DQ5
I/O
SSTL
14
DQ6
I/O
SSTL
16
DQ7
I/O
SSTL
23
DQ8
I/O
SSTL
Pin No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T128020EDL-3S-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T128020EDL-3S-C QIMONDA-HYS64T128020EDL-3S-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T128020EDL-3S-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00HDL QIMONDA-HYS64T32X00HDL_07 Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T32X00HDL QIMONDA-HYS64T32X00HDL Datasheet
4Mb / 70P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com