Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML13155 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # ML13155
Description  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML13155 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.lansdale.com
Page 10 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
Block Diagram of 70 MHz Video Receiver Application Circuit
Input
– 45 dBm
– 70 dBm
– 72 dBm
– 32 dBm
– 47 dBm
Minimum Input to Acquire
Level:
1.26 mVrms
71
µVrms
57
µVrms
57
µVrms
1.0 mVrms
Limiting in ML13155
ML13155
7
10
1
16
1
16
ML13155
40 dB Gain
–15 dB
(Attenuator)
40 dB Gain
1:4
Transformer
2.0 dB
(Insertion Loss)
– 25 dB
(Insertion Loss)
Saw
Filter
IF
Input
DC BIASING CONSIDERATIONS
The DC biasing scheme utilizes two VCC connections (Pins 3 and
6) and two VEE connections (Pins 14 and 11). VEE1 (Pin 14) is
connected internally to the IF and RSSI circuits’ negative supply bus
while the VEE2 (Pin 11) is connected internally to the quadrature
detector’s negative bus. Under positive ground operation, this
unique configuration offers the ability to bias the RSSI and IF sepa-
rately from the quadrature detector. When two ICs are cascaded as
shown in the 70 MHz application circuit and provided by the PCB
(see Figures 17 and 18), the first ML13155 is used without biasing
its quadrature detector, thereby saving approximately 3.0 mA. A
total current of 7.0 mA is used to fully bias each IC, thus the total
current in the application circuit is approximately 11 mA. Both VCC
pins are biased by the same supply. VCC1 (Pin 3) is connected inter-
nally to the positive bus of the first half of the IF limiting amplifier,
while VCC2 is internally connected to the positive bus of the RSSI,
the quadrature detector circuit, and the second half of the IF limiting
amplifier (see Figure 15). This distribution of the VCC enhances the
stability of the IC.
RSSI CIRCUITRY
The RSSI circuitry provides typically 35 dB of linear dynamic range
and its output voltage swing is adjusted by selection of the resistor
from Pin 12 to VEE. The RSSI slope is typically 2.1 µA/dB; thus,
for a dynamic range of 35 dB, the current output is approximately
74
µA. A 47 k resistor will yield an RSSI output voltage swing of
3.5 Vdc. The RSSI buffer output at Pin 13 is an emitter–follower
and needs an external emitter resistor of 10 k to VEE.
In a cascaded configuration (see circuit application in Figure 16),
only one of the RSSI Buffer outputs (Pin 13) is used; the RSSI out-
puts (Pin 12 of each IC) are tied together and the one closest to the
VEE supply trace is decoupled to VCC ground. The two pins are
connected to VEE through a 47 k resistor. This resistor sources a
RSSI current which is proportional to the signal level at the IF input;
typically 1.0 mVms (–47 dBm) is required to place the ML13155
into limiting. The measured RSSI output voltage response of the
application circuit is shown in Figure 12. Since the RSSI current
output is dependent upon the input signal level at the IF input, a
careful accounting of filter losses, matching and other losses and
gains must be made in the entire receiver system. In the block dia-
gram of the application circuit shown below, an accounting of the
signal levels at points throughout the system shows how the RSSI
response in Figure 12 is justified.
CASCADING STAGES
The limiting IF output is pinned–out differentially, cascading is easi-
ly achieved by AC coupling stage to stage. In the evaluation PCB,
AC coupling is shown, however interstage filtering may be desirable
in some application. In which case, the S–parameters provide a
means to implement a low loss interstage match and better receiver
sensitivity.
Where a linear response of the RSSI output is desired when cascad-
ing the ICs, it is necessary to provide at least 10 dB of interstage
loss. Figure 12 shows the RSSI response with and without interstage
loss. A 15 dB resistive attenuator is an inexpensive way to linearize
the RSSI response. This has its drawbacks since it is a wideband
noise source that is dependent upon the source and load impedance
and the amount of attenuation that it provides. A better, although
more costly, solution would be a bandpass filter designed to the
desired center frequency and bandpass response while carefully
selecting the insertion loss. A network topology shown below may
be used to provide a bandpass response with the desired insertion loss.
1.0n
1
16
7
10
0.22
µ
1.0n
Network Topology


Similar Part No. - ML13155

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

Similar Description - ML13155

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com