Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML13145 Datasheet(PDF) 11 Page - LANSDALE Semiconductor Inc.

Part # ML13145
Description  UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145 Datasheet(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML13145 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13145 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.lansdale.com
Page 11 of 17
Issue 0
IP3
P1dB
–6.0
0
6.0
–20
18
0
–6.0
–20
LIN ADJ CURRENT (
µA)
LO DRIVE (dBm)
LIN ADJ CURRENT (
µA)
Figure 6. 2nd Mixer Gain
versus LO Drive
LO DRIVE (dBm)
Figure 7. 2nd Mixer P1dB
versus LO Drive
Figure 8. 2nd Mixer IP3/P1dB
versus Lin Adj Current
Figure 9. 2nd Mixer Gain
versus Lin Adj Current
VCC = 3.6 V
TA = 25°C
Lin Adj Current = 400
µA
VCC = 3.6 V
TA = 25°C
PLO = –15 dBm
PRF = –25 dBm
VCC = 3.6 V
TA = 25°C
PLO = –15 dBm
Adj Channel = 75 kHz
Lin Adj2
30
33
10 n
29
Mxr2 In
LO2
Lin Adj
Current
RF in
LO2in
5.1 k
16:1
35
36
IF2+
IF2–
VCC
IFout
T1 = Toko 600ENAS–A998EK
T1
Figure 10. Test Circuit for Figures 6 thru 9.
1.0 k
–18
–16
–14
–12
–10
–6.8
–7.6
–8.0
–6.4
–7.2
VCC = 3.6 V
TA = 25°C
PRF = –25 dBm
Lin Adj Current = 400
µA
–18
–16
–14
–12
–10
5.0
4.0
3.0
2.0
1.0
0
–6.2
–6.4
–6.6
–6.8
–7.0
100
200
300
400
500
600
100
200
300
400
500
600
16
14
12
10
8.0
6.0
4.0
2.0
0
LANSDALE Semiconductor, Inc.
ML13145


Similar Part No. - ML13145

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
ML13145-9P LANSDALE-ML13145-9P Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
More results

Similar Description - ML13145

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com