Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12179D Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # MC12179D
Description  500-2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12179D Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC12179D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.lansdale.com
Page 2 of 11
Issue A
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; VP = VCC to 5.5 V; TA = –40 to 85 C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Condition
Supply Current for VCC
ICC
3.1
5.6
mA
Note 1
Supply Current for VP
IP
0.4
1.3
mA
Note 1
Operating Frequency
fINmax
fINmin
FIN
2800
500
MHz
Note 2
Operating Frequency
Crystal Mode
External Oscillator OSCin
FOSC
5
2
11
11
MHz
Note 3
Note 4
Input Sensitivity
Fin
VIN
200
1000
mVP–P
Note 2
Input Sensitivity
External Oscillator OSCin
VOSC
500
2200
mVP–P
Note 4
Output Source Current5
(PDout)
IOH
–2.8
–2.2
–1.6
mA
VP = 4.5 V, VPDout
= VP/2
Output Sink Current5
(PDout)
IOL
1.6
2.2
2.8
mA
VP = 4.5 V, VPDout
= VP/2
Output Leakage Current
(PDout)
IOZ
0.5
15
nA
VP = 5.0 V, VPDout
= VP/2
NOTES: 1. VCC and VP = 5.5 V; FIN = 2.56 GHz; FOSC = 10 MHz crystal; PDout open.
2. AC coupling, FIN measured with a 1000 pF capacitor.
3. Assumes C1 and C2 (Figure 1) limited to 30 pF each including stray and parasitic capacitances.
4. AC coupling to OSCin.
5. Refer to Figure 15 and Figure 16 for typical performance curves over temperature and power supply voltage.
PIN FUNCTION DESCRIPTION
Pin
Symbol
I/O
Function
1
OSCin
I
Oscillator Input – An external parallel–resonant, fundamental crystal is connected between OSC in
and OSCout to form an internal reference oscillator (crystal mode). External capacitors C1 and C2, as
shown in Figure 1, are required to set the proper crystal load capacitance and oscillator frequency.
For an external reference oscillator, an external signal is AC–coupled to the OSCin pin with a
1000 pF coupling capacitor, with no connection to OSCout. In either mode, a resistor with a nominal
value of 50 k
Ω MUST be placed across the OSCin and OSCout pins for proper operation.
2
VCC
Positive Power Supply. Bypass capacitors should be placed as close as possible to the pin and be
connected directly to the ground plane.
3
Gnd
Ground.
4
Fin
I
Prescaler Input –
The VCO signal is AC coupled into the Fin pin.
5
GndP
Ground – For charge pump circuitry .
6
PDout
O
Single ended phase/frequency detector output (charge pump output). Three–state current
sink/source output for use as a loop error signal when combined with an external low pass filter. The
phase/frequency detector is characterized by a linear transfer function.
7
VP
Positive power supply for charge pump. VP MUST be equal or greater than VCC. Bypass capacitors
should be placed as close as possible to the pin and be connected directly to the ground plane.
8
OSCout
O
Oscillator output, for use with an external crystal as shown in Figure 1.
LANSDALE Semiconductor, Inc.
ML12179


Similar Part No. - MC12179D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12179D MOTOROLA-MC12179D Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Similar Description - MC12179D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com