Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL843 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 5Page - GENESYS LOGIC GL843 Datasheet HTML 6Page - GENESYS LOGIC GL843 Datasheet HTML 7Page - GENESYS LOGIC GL843 Datasheet HTML 8Page - GENESYS LOGIC GL843 Datasheet HTML 9Page - GENESYS LOGIC GL843 Datasheet HTML 10Page - GENESYS LOGIC GL843 Datasheet HTML 11Page - GENESYS LOGIC GL843 Datasheet HTML 12Page - GENESYS LOGIC GL843 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 9
CHAPTER 3
PIN ASSIGNMENT
3.1 Pinouts
GL843
QFP - 128
50
49
48
47
46
45
44
43
42
41
40
39
57
56
55
54
53
52
51
58
LED_B
HOME
ADF_SENR
RAMCLK
CKE
BANK0
BANK1
WEJ
CASJ
RASJ
ABUS0
ABUS1
ABUS2
XPA_SW
VccCore2
GndCore2
LAMP_SW
CCD_TGB
CCD_TGG
VccIO3
111
112
113
114
115
116
117
118
119
120
121
104
105
106
107
108
109
110
103
GPIO16
GPIO17
GPIO18
VccCore4
GndCore4
GPIO19
GPIO20
EXTRST_
GND
DVCC0
DGND0
RPU
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO8
60
59
61
GndIO3
CCD_CK4X
CCD_CK2X
63
62
64
CCD_RSX
CCD_CPX
CCD_CK3X
125
126
127
128
DMF
DMH
AGND
RREF
123
124
DPF
DPH
122
AVDD
Figure 3.1 – 128 Pin QFP Pinout Diagram


Similar Part No. - GL843

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
GL848 GENESYS-GL848 Datasheet
800Kb / 85P
   High Speed USB 2.0
More results

Similar Description - GL843

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
logo
SMSC Corporation
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
   USB 2.0 High-Speed 2-Port Hub Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
[Old version datasheet]   USB 2.0 High Speed Peripheral Controller
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
   2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
   USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
   USB 2.0 Hi-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
List of Unclassifed Man...
SQ930C ETC1-SQ930C Datasheet
944Kb / 20P
   High-Speed USB 2.0 Video Camera Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com