Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z80DBT-V101G4 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ20Z80DBT-V101G4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80DBT-V101G4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z80DBT-V101G4 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 9Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 10Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 11Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 12Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 13Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 14Page - Texas Instruments BQ20Z80DBT-V101G4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
www.ti.com
Discharge and Charge Alarms
bq20z80-V101
SLUS625D – SEPTEMBER 2004 – REVISED OCTOBER 2005
Temperature If SBS.Temperature( ) is outside of the range 10
°C to 40°C
Delta Capacity If the capacity change between suitable battery rest periods is less than 37%
Voltage
If and SBS.CellVoltage1..4( ) is within the range of 3737mV and 3800mV
The bq20z80 enables SBS.BatteryStatus( ) [TDA, FD, TCA, FC] flags to be set or cleared on the following
thresholds based on SBS.RelativeStateOfCharge( ).
DF:Operation Cfg A
CONDITION
SBS.BatteryStatus( ) FLAG ACTION
[DMODE] = 0
[DMODE] = 1
≤ DF:TDA Set %
Terminate_Discharge_Alarm is set
≥ DF:TDA Clear %
Terminate_discharge_Alarm is cleared
≤ DF:FD Set %
Fully_Discharged is set
≥ DF:FD Clear %
Fully_Discharged is cleared
SBS.RelativeStateOfCharge( )
SBS.AbsoluteOfCharge( )
≥ DF:TCA Set %
Terminate_Charge_Alarm is set
≤ DF:TCA Clear %
Terminate_Charge_Alarm is cleared
≥ DF:FC Set %
Fully_Charged is set
≤ DF:FC Clear %
Fully_Charged is cleared
The SBS.RelativeStateOfCharge( ) or SBS.AbsoluteStateOfCharge( ) based thresholds can be disabled by
setting the value to -1%.
The SBS.BatteryStatus( ) [TDA, FD] flags can also be set or cleared based on the level of SBS.Voltage( ). If the
voltage settings are not used then they should be set to extreme range values.
CONDITION
SBS.BatteryStatus( ) FLAG ACTION
≤ DF:TDA Volt Threshold for a period of DF:TDA Volt Time
Terminate_Discharge_Alarm is set
≥ DF:TDA Recovery
Terminate_discharge_Alarm is cleared
SBS.Voltage( )
≤ DF:FD Volt Threshold for a period of DF:FD Volt Time
Fully_Discharged is set
≥ DF:FD Recovery
Fully_Discharged is cleared
See the Charge Termination and Protection sections of this data sheet for further details on the setting of
Terminate_Charge_Alarm.
VALID
SIZE
DEFAULT
NAME
CLASS / SUBCLASS
FORMAT
UNITS
RANGE
(BYTES)
VALUE
TDA Set %(1)
6
TDA Clear%(1)
8
FD Set %(1)
2
FD Clear %(1)
5
Integer
-1 to 100
1
%
TCA Set %(1)
-1
TCA Clear %(1)
95
FC Set %(1)
-1
SBS Configuration / Config (49)
FC Clear %(1)
98
TDA Volt Threshold
0 to 16000
2
mV
5000
TDA Volt Time
0 to 60
1
s
5
TDA Recovery
0 to 16000
2
mV
5500
Integer
FD Volt Threshold
0 to 16000
2
mV
5000
FD Volt Time
0 to 60
1
s
5
FD Recovery
0 to 16000
2
mV
5000
(1)
Setting to –1% prevents the TDA, TCA, FD, or FC flag from being set or cleared based on state of charge.
11


Similar Part No. - BQ20Z80DBT-V101G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBT-V101G4 TI-BQ20Z80DBT-V101G4 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80DBT-V101G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com