Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8268BLQW Datasheet(PDF) 10 Page - ams AG

Part # AS8268BLQW
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268BLQW Datasheet(HTML) 10 Page - ams AG

Back Button AS8268BLQW Datasheet HTML 6Page - ams AG AS8268BLQW Datasheet HTML 7Page - ams AG AS8268BLQW Datasheet HTML 8Page - ams AG AS8268BLQW Datasheet HTML 9Page - ams AG AS8268BLQW Datasheet HTML 10Page - ams AG AS8268BLQW Datasheet HTML 11Page - ams AG AS8268BLQW Datasheet HTML 12Page - ams AG AS8268BLQW Datasheet HTML 13Page - ams AG AS8268BLQW Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 10 of 136
MPIO Inputs with Schmitt Trigger and Selectable Pull-up/Pull-down
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level input voltage
VIH
0.7 x VDD
V
Low level input voltage
VIL
0.3 x VDD
V
High level input current
IIH
15
100
µA
Tested at VDD=3.6V and Vin=3.6V;
‘pull-down’
Low level input current
IIL
-100
-15
µA
Tested at VDD=3.6V and Vin=0V;
‘pull-up’
MPIO Outputs with Programmable Drive Strength
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level output current
VOH
2.5
V
Tested at VDD=3.0V
Low level output current
VOL
0.4
V
Tested at VDD=3.0V
High level output current
IOH
4
mA
If ‘4mA’ is selected. Tested at
VDD=3.0V and Vout=VOH
Low level output current
IOL
-4
mA
If ‘4mA’ is selected. Tested at
VDD=3.0V and Vout=VOL
High level output current
IOH
8
mA
If ‘8mA’ is selected. Tested at
VDD=3.0V and Vout=VOH
Low level output current
IOL
-8
mA
If ‘8mA’ is selected. Tested at
VDD=3.0V and Vout=VOL
LCDD Outputs
The Liquid Crystal display driver (LCDD) outputs are specified in the LCD Driver section of this data sheet.
6.4
Electrical System Specification
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Signals
Voltage channel input voltage
|VVP|
100
212
mVp
Referenced to VSSA
Current channel input voltage
(Gain=4)
|VI1P|, |VI2P|
150
212
mVp
Referenced to VSSA
Current channel input voltage
(Gain=16)
|VI1P|, |VI2P|
38
54
mVp
Referenced to VSSA
Current channel input voltage
(Gain=20)
|VI1P|, |VI2P|
30
42
mVp
Referenced to VSSA
Mains frequency
fmains
45
65
Hz
Dynamic range current
DR(I)
600:1
Dynamic range power
DR(P)
2000:1
Accuracy
0.1
%
Reading
Error variation over dyn. range
err(dr)
0.2
%
1)


Similar Part No. - AS8268BLQW

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8201 AMSCO-AS8201 Datasheet
247Kb / 13P
   TTP/C-C1 Communications Controller
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
   TTP/C-C2 Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
   TTP-C2NF Communication Controller
AS8202B-ALQR AMSCO-AS8202B-ALQR Datasheet
587Kb / 20P
   TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
   TTP-C2NF Communication Controller
More results

Similar Description - AS8268BLQW

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
   Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
AS8218 AMSCO-AS8218_1 Datasheet
1Mb / 123P
   Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
logo
Analog Devices
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrD 09/06
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com