Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30BQ015TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # 30BQ015TRPBF
Description  SCHOTTKY RECTIFIER 3 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30BQ015TRPBF Datasheet(HTML) 6 Page - International Rectifier

  30BQ015TRPBF Datasheet HTML 1Page - International Rectifier 30BQ015TRPBF Datasheet HTML 2Page - International Rectifier 30BQ015TRPBF Datasheet HTML 3Page - International Rectifier 30BQ015TRPBF Datasheet HTML 4Page - International Rectifier 30BQ015TRPBF Datasheet HTML 5Page - International Rectifier 30BQ015TRPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
30BQ015PbF
Bulletin PD-20406 rev. A 05/05
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating
2
-
B = Single Lead Diode
3
-
Q = Schottky Q Series
4
-
Voltage Rating (015 = 15V)
5
-
none = Box (1000 pieces)
TR = Tape & Reel (3000 pieces)
6
-
none = Standard Production
PbF = Lead-Free
30
B
Q
015
TR PbF
6


Similar Part No. - 30BQ015TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015TRPBF VISHAY-30BQ015TRPBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
30BQ015TRPBF VISHAY-30BQ015TRPBF Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
More results

Similar Description - 30BQ015TRPBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSM380 MICROSEMI-HSM380 Datasheet
96Kb / 2P
   3 Amp Schottky Rectifier
MSP345 MICROSEMI-MSP345 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
5820SM MICROSEMI-5820SM Datasheet
103Kb / 2P
   3 Amp Schottky Rectifier
logo
International Rectifier
MBRS360TR IRF-MBRS360TR Datasheet
46Kb / 6P
   SCHOTTKY RECTIFIER 3 Amp
logo
Microsemi Corporation
MS345 MICROSEMI-MS345 Datasheet
78Kb / 2P
   3 AMP SCHOTTKY RECTIFIER
LSM335 MICROSEMI-LSM335 Datasheet
99Kb / 2P
   3 Amp Schottky Rectifier
MS308 MICROSEMI-MS308 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N5820 DIGITRON-1N5820 Datasheet
91Kb / 2P
   3 AMP SCHOTTKY RECTIFIER
logo
Microsemi Corporation
MS304 MICROSEMI-MS304 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
HSM350 MICROSEMI-HSM350 Datasheet
95Kb / 2P
   3 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com