Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30BQ015TRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # 30BQ015TRPBF
Description  SCHOTTKY RECTIFIER 3 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30BQ015TRPBF Datasheet(HTML) 5 Page - International Rectifier

  30BQ015TRPBF Datasheet HTML 1Page - International Rectifier 30BQ015TRPBF Datasheet HTML 2Page - International Rectifier 30BQ015TRPBF Datasheet HTML 3Page - International Rectifier 30BQ015TRPBF Datasheet HTML 4Page - International Rectifier 30BQ015TRPBF Datasheet HTML 5Page - International Rectifier 30BQ015TRPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
30BQ015PbF
Bulletin PD-20406 rev. A 05/05
5
www.irf.com
Dimensions in millimeters and (inches)
Outline SMC
For recommended footprint and soldering techniques refer to application note #AN-994
Outline Table
Marking & Identification
IR LOGO
PYWWX
"Y" = 1st digit of the YEAR "standard product"
"P" = "Lead-Free"
2nd digit of the YEAR
WEEK
SITE ID
CURRENT
VOLTAGE
IR3C
Each device has 2 rows for identification. The first row designates the device as manufactured by International
Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and
Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
5.59 (.220)
6.22 (.245)
6.60 (.260)
7.11 (.280)
2.75 (.108)
3.15 (.124)
.152 (.006)
.305 (.012)
2.00 (.079)
2.62 (.103)
0.76 (.030)
1.52 (.060)
.102 (.004)
.203 (.008)
7.75 (.305)
8.13 (.320)
Device Marking: IR3C
CATHODE
ANODE
1
2
1
2
POLARITY
PART NUMBER


Similar Part No. - 30BQ015TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015TRPBF VISHAY-30BQ015TRPBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
30BQ015TRPBF VISHAY-30BQ015TRPBF Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
More results

Similar Description - 30BQ015TRPBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSM380 MICROSEMI-HSM380 Datasheet
96Kb / 2P
   3 Amp Schottky Rectifier
MSP345 MICROSEMI-MSP345 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
5820SM MICROSEMI-5820SM Datasheet
103Kb / 2P
   3 Amp Schottky Rectifier
logo
International Rectifier
MBRS360TR IRF-MBRS360TR Datasheet
46Kb / 6P
   SCHOTTKY RECTIFIER 3 Amp
logo
Microsemi Corporation
MS345 MICROSEMI-MS345 Datasheet
78Kb / 2P
   3 AMP SCHOTTKY RECTIFIER
LSM335 MICROSEMI-LSM335 Datasheet
99Kb / 2P
   3 Amp Schottky Rectifier
MS308 MICROSEMI-MS308 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N5820 DIGITRON-1N5820 Datasheet
91Kb / 2P
   3 AMP SCHOTTKY RECTIFIER
logo
Microsemi Corporation
MS304 MICROSEMI-MS304 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
HSM350 MICROSEMI-HSM350 Datasheet
95Kb / 2P
   3 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com