Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5366VR-A Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD5366VR-A
Description  digital audio 24bit 48kHz A/D converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5366VR-A Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD5366VR-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD5366VR-A Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ASAHI KASEI
[AKD5366VR-A]
<KM083701>
2007/03
- 9 -
4. [Save] and [Open]
4-1. [Save]
Save the current register setting data. The extension of file name is “akr”.
(Operation flow)
(1) Click [Save] Button.
(2) Set the file name and push [Save] Button. The extension of file name is “akr”.
4-2. [Open]
The register setting data saved by [Save] is written to AK5366VR. The file type is the same as [Save].
(Operation flow)
(1) Click [Open] Button.
(2) Select the file (*.akr) and Click [Open] Button.


Similar Part No. - AKD5366VR-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5366VR AKM-AKD5366VR Datasheet
315Kb / 42P
   24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC
More results

Similar Description - AKD5366VR-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5366 AKM-AKD5366_07 Datasheet
492Kb / 32P
   digital audio 24bit 48kHz A/D converter,
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
logo
Cirrus Logic
CS5394 CIRRUS-CS5394 Datasheet
422Kb / 22P
   117 DB 48KHZ AUDIO A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD5394A AKM-AKD5394A Datasheet
394Kb / 32P
   24bit A/D converter for professional audio
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com